Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4261 Datasheet(PDF) 14 Page - Siemens Semiconductor Group

Part # TLE4261
Description  5-V Low-Drop Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4261 Datasheet(HTML) 14 Page - Siemens Semiconductor Group

Back Button TLE4261 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 12Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 13Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 14Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 15Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 16Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 17Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 18Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Semiconductor Group
14
1998-11-01
TLE 4261
Output Voltage versus
Temperature
Input Step Response
Output Current versus
Input Voltage
Load Step Response
AED00028
4.60
-40
V
Q
0
40
80
160
4.70
4.80
4.90
5.00
5.10
5.20
V
VΙ =
120 C
j
13.5 V
AED00595
-40
-10
V
010
20
50
40
2
V
t
30
-20
20
0
1
0
∆ Ι
Q
∆V mV
tt
1
=
RF
µs
s
µ
_
~
Q =
C
22
µs
AED00594
0
0
V
Ι
Q
10
20
30
50
V
0.2
0.4
0.6
0.8
1.0
1.2
mA
= 25
Ι
40
C
Tj
AED00596
-200
-10
Ι
010
20
50
200
mA
t
30
-100
100
25
500
0
∆
Q
Q
∆V mV
s
µ
Q =
C
22
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com