Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4261 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # TLE4261
Description  5-V Low-Drop Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4261 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  TLE4261 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TLE 4261
Semiconductor Group
2
1998-11-01
Application Description
The IC regulates an input voltage
V
I in the range VI = 6 V to 40 V to VQrated = 5.0 V. A
reset signal is generated for a maximum output voltage of
V
Q less than 4.75 V. The reset
delay can be set externally with a capacitor. A connected microprocessor is monitored
by the integrated watchdog circuit. Connecting this input to the input voltage makes the
watchdog function inactive. The presence of a voltage less than 2 V on inhibit input
disables the regulator. The current consumption drops to max. 50
µA.
Design Notes for External Components
The input capacitor
C
I causes a low-resistant powerline and limits the rise times of the
input voltage. The IC is protected against rise times up to 100 V/
µs. It is possible to damp
the tuned circuit consisting of supply inductance and input capacitance with a resistor of
approx. 1
Ω in series to C
I.
The output capacitor maintains the stability of the regulating loop. Stability is guaranteed
with a rating of 22
µF at an ESR of 3 Ω max. in the operating temperature range.
Circuit Description
The control amplifier compares a reference voltage, which is kept highly accurate by
resistance adjustment, to a voltage that is proportional to the output voltage and controls
the base of the series PNP transistor via a buffer. Saturation control as a function of the
load current prevents any over-saturation of the power element. If the output voltage
drops below 95.5 % of its typical value for more than 2
µs, a reset signal is triggered on
pin 3 and an external capacitor is discharged on pin 5. The reset signal is not cancelled
until the voltage on the capacitor has exceeded the upper switching threshold
V
DT. A
positive-edge-triggered watchdog circuit monitors the connected microprocessor and
will likewise trigger a reset if pulses are missing. The IC can be disabled by a low level
on the inhibit input and the current consumption drops to < 50
µA.
The IC also incorporates a number of circuits for protection against:
q
Overload
q
Overvoltage
q
Overtemperature
q
Reverse polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com