Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5301 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP5301
Description  Universal Serial Bus Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP5301 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP5301 Datasheet HTML 5Page - Sipex Corporation SP5301 Datasheet HTML 6Page - Sipex Corporation SP5301 Datasheet HTML 7Page - Sipex Corporation SP5301 Datasheet HTML 8Page - Sipex Corporation SP5301 Datasheet HTML 9Page - Sipex Corporation SP5301 Datasheet HTML 10Page - Sipex Corporation SP5301 Datasheet HTML 11Page - Sipex Corporation SP5301 Datasheet HTML 12Page - Sipex Corporation SP5301 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
SP5301DS/10
SP5301 Universal Serial Bus Transceiver
© Copyright 2000 Sipex Corporation
Figure 10. Receiver Delay VS. Common Mode Voltage
(with peak to peak overdrive voltage as a parameter)
Figure 11. Transmitter Rise and Fall Time VS.
Capacitive Load (full speed)
Figure 12. D+/D- to RERR Delay
Figure 13. D+/D- to RSEO Delay
AC WAVEFORMS (continued)
NOTE: V
X = VOL + 0.3V, VY = VOH - 0.3V, VCC > +3.0V, VOL and VOH are the typical output voltage drops that occur
with the output load.
15
14
13
12
11
10
9
8
7
6
0V
0.5V
1.0V
1.5V
2.0V
2.5V
3.0V
Common Mode (Volts)
50mV
100mV
200mV
500mV
X
X
X
X
X
XX
X
6
5.5
5
4.5
4
3.5
3
10
20
30
40
50
Load (pF)
tR/tF
D+
D-
tPLH
2.0V
1.0V
50%
50%
RERR
D+
D-
tPLH
2.0V
1.0V
50%
50%
RSEO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com