Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5301 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP5301
Description  Universal Serial Bus Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP5301 Datasheet(HTML) 5 Page - Sipex Corporation

  SP5301 Datasheet HTML 1Page - Sipex Corporation SP5301 Datasheet HTML 2Page - Sipex Corporation SP5301 Datasheet HTML 3Page - Sipex Corporation SP5301 Datasheet HTML 4Page - Sipex Corporation SP5301 Datasheet HTML 5Page - Sipex Corporation SP5301 Datasheet HTML 6Page - Sipex Corporation SP5301 Datasheet HTML 7Page - Sipex Corporation SP5301 Datasheet HTML 8Page - Sipex Corporation SP5301 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
SP5301DS/10
SP5301 Universal Serial Bus Transceiver
© Copyright 2000 Sipex Corporation
DESCRIPTION
The SP5301 is a half-duplex Universal Serial
Bus (USB) differential transceiver that interfaces
with the VHDL Serial Interface Engine (SIE)
from the USB developer's conference. The
SP5301 is designed to allow digital logic to
communicate with the physical layer of the
Universal Bus.
The USB is a cable bus that supports data
exchange between a host computer and a wide
range of peripherals. Attached peripherals share
USB bandwidth through a host scheduled token
based protocol. The USB allows peripherals to be
attached, configured, used, and detached while
the host and other peripherals are in operation.
This is referred to as dynamic, or hot, attachment
and removal. USB attributes include lower costs,
hot plug-and-play with dynamic attach-detach
capabilities, ease of design and use, multiple
peripherals, guaranteed latency, and guaranteed
bandwidth.
The USB is specified to be an industry standard
extension to the PC architecture with a focus on
Computer Telephony Integration (CTI),
consumer, and productivity applications. The
architecture of the USB protocol can ease the
expansion of PC peripherals, provide a low-cost
solution that supports tranfer rates up to 12Mbps,
and can fully support real-time data for voice,
audio, and compressed video.
The USB protocol can provide protocol flexibility
for mixed-mode isochronous data transfers and
asynchrounousmessaging.Guaranteedbandwidth
and low latencies are appropriate for many
telephony and audio applications. A 12Mbps bus
covers the mid-speed and low-speed data ranges.
Typically, mid-speed data types are isochronous
and low-speed data comes from interactive
devices. Isochronous communication can only
be used by full speed devices.
THEORY OF OPERATION
The USB protocol can support multiple
connections for up to 127 physical devices
composed of many diverse functions. This makes
the SP5301 an ideal solution for multidrop
applications. This lower protocol overhead
results in high bus utilization. An isochronous
workload may utilize the entire USB bus
bandwidth. The USB protocol reflects a robust
capability of dynamic insertion and removal of
devices identified in user perceived real-time.
This PC plug and play quality preserves the
marketable synergy with the PC industry, being
a simple protocol to implement and integrate
into existing operating systems.
The SP5301 contains a differential driver
and a differential receiver in a half-duplex
configuration. The driver is enabled by the OE
pin. If OE is asserted LOW, the driver is active
and the D- and D+ pins drive USB signals. The
differential receiver is also controlled by the OE
pin. If OE is HIGH, while SUSPEND is LOW,
the receiver is active and the driver is in tri-state.
In this receive mode, the D- and D+ pins are now
receiving USB signals.
The typical driver output voltage swing for
D- and D+ of the SP5301 will be less than +0.3V
for the LOW state and greater than +2.8V for the
HIGH state.
The SP5301 is a USB differential interface with
very high receiver input sensitivity. This makes
data virtually immune to noise on the USB
pipeline. The +90mV minimum receiver input
sensitivity of the SP5301 ensures recovery of
even severely attenuated signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com