Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5301 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP5301
Description  Universal Serial Bus Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP5301 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP5301 Datasheet HTML 3Page - Sipex Corporation SP5301 Datasheet HTML 4Page - Sipex Corporation SP5301 Datasheet HTML 5Page - Sipex Corporation SP5301 Datasheet HTML 6Page - Sipex Corporation SP5301 Datasheet HTML 7Page - Sipex Corporation SP5301 Datasheet HTML 8Page - Sipex Corporation SP5301 Datasheet HTML 9Page - Sipex Corporation SP5301 Datasheet HTML 10Page - Sipex Corporation SP5301 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
SP5301DS/10
SP5301 Universal Serial Bus Transceiver
© Copyright 2000 Sipex Corporation
PIN ASSIGNMENTS
Pin 1 — RERR — Receive Error. This CMOS
level output pin is forced HIGH when
both D+ and D- are HIGH to signal an
error state. CAUTION: Since RERR is a
CMOS output, care must be taken to
ensure that RERR is NOT connected to
V
CC or GND.
Pin 2 — OE — Output Enable Not. When
asserted LOW, this input pin enables the
driver to transmit data on the bus. When
HIGH, the receiver is active and the driver
outputs are in tri-state.
Pin 3 — RCV — Receive data. This is a
CMOS level output pin from D+ and D-,
typically connected to the inputs of the
USB Serial Interface Engine (SIE).
Pin 4, 5 — VP, VM — Gated version of D+
and D-. Used to detect single ended zero
(SEO), error conditions, and interconnect
speed. These pins have CMOS level
outputs.
O
P
VO
M
VT
L
U
S
E
R
00
0
E
S
01
w
o
L
c
i
g
o
L
10
h
g
i
H
c
i
g
o
L
11
d
e
n
i
f
e
d
n
U
P
VM
VT
L
U
S
E
R
00
0
E
S
01
d
e
e
p
S
w
o
L
10
d
e
e
p
S
l
l
u
F
11
r
o
r
r
E
VCC
GND
1
2
3
4
11
12
13
14
5
6
7
10
9
8
RERR
OE
RCV
VP
VM
SUSPND
SPEED
RSEO
D-
D+
VPO
VMO
Pin 6 — SUSPND — Suspend. This input pin
provides a low power state for the SP5301
while the USB bus is inactive. While the
SUSPND pin is asserted HIGH, it will
drive RCV pin LOW.
Pin 7 — GND — Ground.
Pin 8 — RSEO — Receive Single Ended Zero.
This CMOS level output pin is forced
HIGH when both D+ and D- are LOW to
signal the end of packet (EOP) in signal
transmission. CAUTION: Since RSEO
is a CMOS output, care must be taken to
ensure that RSEO is NOT connected to
V
CC or GND.
Pin 9 — SPEED — Speed. Edge rate control.
This input pin determines edge rates, where
a logic HIGH designates edge rates for
"full speed" and logic LOW designates
edge rates for "low speed."
Pin 10, 11 — D-, D+ — Data-, Data+. These
differential data bus I/O pins conform to
the Universal Serial Bus standard.
Pin 12, 13 — VPO, VMO — These are the
PINOUT
logic inputs to the differential driver,
typically connected to the outputs of the
Serial Interface Engine (SIE).
Pin 14 — V
CC — +3.0V to +3.6V power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com