Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5301 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP5301
Description  Universal Serial Bus Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP5301 Datasheet(HTML) 3 Page - Sipex Corporation

  SP5301 Datasheet HTML 1Page - Sipex Corporation SP5301 Datasheet HTML 2Page - Sipex Corporation SP5301 Datasheet HTML 3Page - Sipex Corporation SP5301 Datasheet HTML 4Page - Sipex Corporation SP5301 Datasheet HTML 5Page - Sipex Corporation SP5301 Datasheet HTML 6Page - Sipex Corporation SP5301 Datasheet HTML 7Page - Sipex Corporation SP5301 Datasheet HTML 8Page - Sipex Corporation SP5301 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
SP5301DS/10
SP5301 Universal Serial Bus Transceiver
© Copyright 2000 Sipex Corporation
SPECIFICATIONS
NOTE 2: All signals except D+ and D-.
NOTE 3: See "Load D+ and D-" diagram for testing details.
NOTE 4: This value includes a 22
Ω external resistor.
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +3.6V with Tamb = 0°C to +70°C.
Typical values apply at V
CC = +3.3V and Tamb = 25°C.
.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
S
R
E
T
E
M
A
R
A
P
C
D
,
t
u
p
n
i
l
e
v
e
l
H
G
I
HV
H
I
0
.
2V
2
e
t
o
N
,
t
u
p
n
i
l
e
v
e
l
W
O
LV
L
I
8
.
0V
2
e
t
o
N
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
r
e
v
i
r
D
l
e
v
e
l
H
G
I
H
R
H
D
8
25
33
4
Ω
4
e
t
o
N
,
3
e
t
o
N
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
r
e
v
i
r
D
l
e
v
e
l
W
O
L
R
L
D
8
25
33
4
Ω
4
e
t
o
N
,
3
e
t
o
N
s
l
e
v
e
L
t
u
p
t
u
O
w
o
L
d
n
a
h
g
i
H
-
D
/
+
D
V
H
O
V
L
O
t
u
p
t
u
o
l
e
v
e
l
H
G
I
H
c
i
g
o
L
8
.
2
3
.
0
V
V
R
L
d
n
u
o
r
G
o
t
K
5
1
f
o
R
L
V
6
.
3
o
t
K
5
.
1
f
o
V
H
O
2
.
27
.
2V
V
C
C
I
,
V
0
.
3
=
O
2
e
t
o
N
,
A
m
6
=
V
H
O
4
.
2V
V
C
C
I
,
V
0
.
3
=
O
2
e
t
o
N
,
A
m
4
=
V
H
O
8
.
2V
V
C
C
I
,
V
0
.
3
=
O
0
0
2
=
µ
2
e
t
o
N
,
A
t
u
p
t
u
o
l
e
v
e
l
W
O
L
c
i
g
o
L
V
L
O
3
.
08
.
0V
V
C
C
I
,
V
0
.
3
=
O
2
e
t
o
N
,
A
m
6
=
V
L
O
4
.
0V
V
C
C
I
,
V
0
.
3
=
O
2
e
t
o
N
,
A
m
4
=
V
L
O
2
.
0V
V
C
C
I
,
V
0
.
3
=
O
0
0
2
=
µ
2
e
t
o
N
,
A
d
l
o
h
s
e
r
h
T
t
u
p
n
I
l
a
i
t
n
e
r
e
f
f
i
D
r
e
v
i
e
c
e
R
V
I
D
0
9
-+ 0
20
9
+V
mV
o
t
V
0
e
g
a
t
l
o
V
e
d
o
M
n
o
m
m
o
C
C
C
e
g
n
a
R
e
d
o
M
n
o
m
m
o
C
r
e
v
i
e
c
e
R
V
M
C
0V
C
C
V
,
t
n
e
r
r
u
c
y
l
p
p
u
s
t
n
e
c
s
e
i
u
Q
I
Q
C
C
0
5
40
0
8
µA
V
C
C
V
,
V
6
.
3
=
I
V
=
C
C
I
,
D
N
G
r
o
O
0
=
D
N
P
S
U
S
n
i
t
n
e
r
r
u
c
y
l
p
p
u
S
I
S
C
C
2
0
.
00
.
1
µA
V
C
C
V
,
V
6
.
3
=
I
V
=
C
C
I
,
D
N
G
r
o
O
0
=
)
d
e
e
p
S
ll
u
F
(
t
n
e
r
r
u
c
y
l
p
p
u
s
e
v
i
t
c
A
I
S
F
C
C
64
1A
mV
C
C
C
,
V
6
.
3
=
L
,
F
p
0
5
=
t
u
p
n
i
.
.
.
,
0
,
1
,
0
,
1
)
d
e
e
p
S
w
o
L
(
t
n
e
r
r
u
c
y
l
p
p
u
s
e
v
i
t
c
A
I
S
L
C
C
38
A
mV
C
C
C
,
V
6
.
3
=
L
,
F
p
0
5
3
=
t
u
p
n
i
.
.
.
,
0
,
1
,
0
,
1
,
t
n
e
r
r
u
c
e
g
a
k
a
e
l
t
u
p
n
I
I
I
1
.
0
±5
±
µA
V
C
C
V
,
V
6
.
3
=
I
s
n
i
p
O
/
I
r
o
f
t
o
n
,
D
N
G
r
o
V
5
.
5
=
t
n
e
r
r
u
c
e
t
a
t
s
-
F
F
O
t
u
p
t
u
o
e
t
a
t
S
-
i
r
T
I
Z
O
0
1
±
µA
V
L
V
=
I
V
r
o
L
I
V
,
O
V
=
C
C
3
e
t
o
N
,
D
N
G
r
o
)
-
D
/
+
D
(
e
c
n
a
t
i
c
a
p
a
C
r
e
v
i
e
c
s
n
a
r
T
C
N
I
0
2F
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com