Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5301 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP5301
Description  Universal Serial Bus Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP5301 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP5301 Datasheet HTML 2Page - Sipex Corporation SP5301 Datasheet HTML 3Page - Sipex Corporation SP5301 Datasheet HTML 4Page - Sipex Corporation SP5301 Datasheet HTML 5Page - Sipex Corporation SP5301 Datasheet HTML 6Page - Sipex Corporation SP5301 Datasheet HTML 7Page - Sipex Corporation SP5301 Datasheet HTML 8Page - Sipex Corporation SP5301 Datasheet HTML 9Page - Sipex Corporation SP5301 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
SP5301DS/10
SP5301 Universal Serial Bus Transceiver
© Copyright 2000 Sipex Corporation
The SP5301 incorporates a receive error circuit.
This error circuit outputs CMOS signals on the
receive error pin (RERR) and the receive single
ended zero pin (RSE0) under specific conditions
from the USB bus. When OE is asserted LOW, it
enables the USB driver to transmit data on the D+
and D- output pins. The receive error circuit is
disabled in this condition and both RERR and
RSE0 are forced low. The receive error circuit is
activated in receive mode when OE is HIGH. The
receive error circuit will signal an error state
when both D+ and D- are HIGH by forcing RERR
HIGH. The receiver error circuit will signal a single
ended zero when both D+ and D- are LOW by
forcing RSE0 HIGH. A single ended zero is a
valid state and is used to signal an end of packet
(EOP) in signal transmission. (CAUTION: Since
both RERR and RSE0 are CMOS outputs, care
must be taken to ensure that RERR and RSE0
are NOT connected to V
CC or GND.)
The SP5301 has a suspend input pin (SUSPND)
which enables a low power state while the USB
bus is inactive. When SUSPND is asserted HIGH
or SP5301 is in transmit mode (OE is LOW), the
receive data pin (RCV) will be forced LOW.
The SP5301 can transmit and receive serial data
at both full speed, 12Mbps, and at low speed,
1.5Mbps, data rates. At full speed, the active
supply current of the SP5301 is 6mA. In the
suspend state, the supply current is typically
20nA.
Full speed USB applications include ISDN,
PBX, POTS, sampled analog devices, audio,
printers, and telephony designs. Low speed USB
applications include locator devices, keyboards,
mouse, tablets, light pens, stylus, game
peripherals, virtual reality peripherals, and
monitor configurations. The USB protocol
provides full support for the real-time data
for voice, audio, and compressed video. The
SP5301 is specifically geared towards low-cost
USB solutions for the PC peripheral markets
Waveforms 1 and 2 below show device behavior
in transmit mode, at both low and full speed,
with the D+/D- pins driving the load specified
in figure 9.
Waveform 1. D+/D- Transmit Mode, low speed
Waveform 2. D+/D- Transmit Mode, full speed
[
]
T
T
Ch1 500mV Ch2 500mV M 250nS Ch1
1.68 V
2
[
]
T
T
Ch1 500mV Ch2 500mV M 20.0nS Ch1
1.68 V
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com