Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5301 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP5301
Description  Universal Serial Bus Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP5301 Datasheet(HTML) 2 Page - Sipex Corporation

  SP5301 Datasheet HTML 1Page - Sipex Corporation SP5301 Datasheet HTML 2Page - Sipex Corporation SP5301 Datasheet HTML 3Page - Sipex Corporation SP5301 Datasheet HTML 4Page - Sipex Corporation SP5301 Datasheet HTML 5Page - Sipex Corporation SP5301 Datasheet HTML 6Page - Sipex Corporation SP5301 Datasheet HTML 7Page - Sipex Corporation SP5301 Datasheet HTML 8Page - Sipex Corporation SP5301 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
SP5301DS/10
SP5301 Universal Serial Bus Transceiver
© Copyright 2000 Sipex Corporation
NOTE 1: The input and output voltage ratings may be exceeded if the input and output clamp current ratings are observed.
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability and
cause permanent damage to the device.
V
CC.....................................................................-0.5V to +6.5V
I
GND, ICC (DC VCC or GND current)............................+100mA
Input Current and Voltages:
I
IK (DC input diode current at VI < 0)......................-50mA
V
I (DC input voltage, Note 1)......................-0.5 to +6.5V
V
I/O (DC input voltage range, I/O).........-0.5V toVC C 0.5V
Output Currents and Voltages:
I
OK (DC output diode current where
V
O > VCC or VO < 0)...........................................+50mA
V
O (DC output voltage),
Note 1.........................................-0.5V to (V
CC + 0.5V)
I
O (DC output source or sink current for
VP/VM/RCV/RERR/RSEO pins,V
O = 0 to VCC)..+15mA
I
O (DC output source or sink current for
D+/D- pins, V
O = 0 to VCC.................................+50mA
Storage Temperature.................................-65
°C to +150°C
P
tot (Power dissipation per package)......................1000mW
Figure 1. Block Diagram
OE
SUSPND
RCV
RERR
RSEO
VP/VM
D+/D-
Comments
0
0
0
0
0
0
Active
Driving
0
1
0
0
0
0
Active
Driving
1
0
Active
Active
Active
Active
HI-Z
Receiving
1
1
0
Active
Active
Active
HI-Z
Low Power State
Function Table
D+
D-
SUSPND
RCV
VP
VM
OE
SPEED
VMO
VPO
RERR RSE0
Receiver
Logic
RE
RE
RE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com