Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5301 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP5301
Description  Universal Serial Bus Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP5301 Datasheet(HTML) 4 Page - Sipex Corporation

  SP5301 Datasheet HTML 1Page - Sipex Corporation SP5301 Datasheet HTML 2Page - Sipex Corporation SP5301 Datasheet HTML 3Page - Sipex Corporation SP5301 Datasheet HTML 4Page - Sipex Corporation SP5301 Datasheet HTML 5Page - Sipex Corporation SP5301 Datasheet HTML 6Page - Sipex Corporation SP5301 Datasheet HTML 7Page - Sipex Corporation SP5301 Datasheet HTML 8Page - Sipex Corporation SP5301 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
SP5301DS/10
SP5301 Universal Serial Bus Transceiver
© Copyright 2000 Sipex Corporation
.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
S
R
E
T
E
M
A
R
A
P
C
A
d
e
e
p
S
ll
u
F
,
y
a
l
e
D
-
D
/
+
D
o
t
O
M
V
/
O
P
V
t
H
L
P
41
15
1s
n9
,
2
e
r
u
g
i
f
t
L
H
P
41
15
1s
n9
,
2
e
r
u
g
i
f
d
e
e
p
S
ll
u
F
,
s
e
m
i
T
ll
a
F
d
n
a
e
s
i
R
-
D
/
+
D
t
e
s
i
r
46
.
50
2s
n9
,
3
e
r
u
g
i
f
t
ll
a
f
46
.
50
2s
n9
,
3
e
r
u
g
i
f
d
e
e
p
S
w
o
L
,
y
a
l
e
D
-
D
/
+
D
o
t
O
M
V
/
O
P
V
t
H
L
P
0
30
80
0
2s
n9
,
2
e
r
u
g
i
f
t
L
H
P
0
30
80
0
2s
n9
,
2
e
r
u
g
i
f
d
e
e
p
S
w
o
L
,
s
e
m
i
T
ll
a
F
d
n
a
e
s
i
R
-
D
/
+
D
t
e
s
i
r
5
70
1
10
5
2s
n9
,
3
e
r
u
g
i
f
t
ll
a
f
5
70
1
10
5
2s
n9
,
3
e
r
u
g
i
f
y
a
l
e
D
V
C
R
o
t
-
D
/
+
D
t
H
L
P
0
.
86
1s
n7
,
4
e
r
u
g
i
f
t
L
H
P
0
.
86
1s
n7
,
4
e
r
u
g
i
f
y
a
l
e
D
M
V
/
P
V
o
t
-
D
/
+
D
t
H
L
P
0
.
60
1s
n7
,
2
e
r
u
g
i
f
t
L
H
P
0
.
60
1s
n
7
,
2
e
r
u
g
i
f
y
a
l
e
D
R
R
E
R
o
t
-
D
/
+
D
t
H
L
P
4
10
25
e
t
o
N
,
7
e
r
u
g
i
f
t
L
H
P
4
10
25
e
t
o
N
,
7
e
r
u
g
i
f
y
a
l
e
D
O
E
S
R
o
t
-
D
/
+
D
t
H
L
P
1
16
15
e
t
o
N
,
7
e
r
u
g
i
f
t
L
H
P
1
16
15
e
t
o
N
,
7
e
r
u
g
i
f
-
D
/
+
D
o
t
E
O
t
Z
H
P
1
10
2s
n8
,
5
e
r
u
g
i
f
t
H
Z
P
2
10
2s
n8
,
5
e
r
u
g
i
f
t
Z
L
P
1
10
2s
n8
,
5
e
r
u
g
i
f
t
L
Z
P
2
10
2s
n8
,
5
e
r
u
g
i
f
t
,
D
E
E
P
S
r
o
f
p
u
t
e
S
u
s
0s
n9
,
6
e
r
u
g
i
f
V
,
t
n
i
o
p
r
e
v
o
s
s
o
r
C
-
D
/
+
D
R
C
3
.
10
.
2
SPECIFICATIONS (continued)
Unless otherwise noted, the following specifications apply for GND = 0V, V
CC = 3.3V, tR = tF = 3.0ns, with Tamb = 0°C to +70°C.
Typical values apply at T
amb = 25°C.
NOTE 5: Delay defined from Midpoint of input to Midpoint of output, with other input static (High or Low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com