Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33813AE Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # PC33813AE
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33813AE Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button PC33813AE Datasheet HTML 26Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 27Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 28Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 29Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 30Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 31Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 32Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 33Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
30
33813
5.1.23 Controls for the VRSN and VRSP Inputs
The VRS can be connected to the 33813 in either a differential or single-ended fashion. The use of differential filtering capacitor,
and grounded capacitors of at least 100 nF are also advisable. In some applications, a damping resistor of approximately
5.0 kOhm directly across the pickup coil is also useful to minimize high frequency ringing.
5.1.24 GND VRSN Bit
To use the VRS inputs in a single-ended configuration the “GND VRSN” bit in the SPI Configuration register must be set to indi-
cate to the 33813 that this mode is being used. The VRS is then connected between the VRSP input and ground. The default for
this bit is zero (0) indicating that the differential mode is selected.
5.1.25 2.5 Volt Reference Disconnect Bit
The disconnect 2.5 Volt reference bit in the SPI VRS configuration register is used to disconnect the internal 2.5 Volt reference
signal from the VRSN and VRSP inputs, so that an external reference voltage can be employed. The default state of this bit is
zero (0), indicating that the internal 2.5 Volt reference voltage is connected to the VRSN and VRSP inputs.
5.1.26 Selecting the Input Threshold and Blanking Time
Two different SPI registers are provided to control the VRS circuit values in the manual mode. The SPI VRS configuration register
is used to set the “engine running” values for the threshold and blanking filter and the SPI VRS control register is used to provide
the “engine cranking “threshold and blanking filter values. Once the engine is running, the MCU clears the SPI VRS control
register and the 33813 will use the values found in the SPI VRS configuration register.
0100
23 - 55 mV
(Tolerance not specified below 110 mV threshold. Only specified for monotonicity.)
0101 (default)
35 - 75 mV
(Tolerance not specified below 110 mV threshold. Only specified for monotonicity.)
0110
74 mV
(Tolerance not specified below 110 mV threshold. Only specified for monotonicity.)
0111
110 mV - 1.715 V +/- 20%
1000
150 mV +/- 20%
1001
215 mV +/- 20%
1010
300 mV +/- 20%
1011
425 mV +/- 20%
1100
600 mV +/- 20%
1101
850 mV +/- 20%
1110
1.210 V +/- 20%
1111
1.715 V +/- 20%
Table 11. SPI VRS Manual Configuration Register
SPI VRS Manual Parameters Configuration Register
Bits 7, 6, 5, 4
Threshold Values (nominal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com