Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33813AE Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # PC33813AE
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33813AE Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button PC33813AE Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 9Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 10Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 11Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 12Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 13Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 14Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33813
VOLTAGE REGULATOR OUTPUTS (VCC, VPROT) (CONTINUED)
VPROT Output Voltage (tracks VCC) IVCC = 100 mA, IVPROT = 50 mA 9.0 V<
VPWR < 18 V
|VCC-VPROT|
–
–
20
mV
VPROT Output Current Continuous
IVPROT_C
–
–
100
mA
VCC Output Current Limiting
IVCC_CL
200
–
500
mA
VPROT Output Current Limiting
IVPROT_CL
110
–
260
mA
Output Capacitance External (VCC and VPROT) without reverse protection diode
VOCE
2.2
–
47
F
Line Regulation (Both VCC and VPROT) IVCC =100 mA, IPROT = 50 mA 9.0 V<
VPWR < 18 V
REGLINE_VB
–
2.0
25
mV
Load Regulation (Both VCC and VPROT) measured from 10% to 90% of IVCC_C
and IPROT_C, VPWR = 13 V
REGLOAD_VB
–
2.0
25
mV
Dropout Voltage (Both VCC and VPROT) (Minimal Input/Output Voltage at full load,
tracks input below)
VDROPOUT
–
1.05
1.4
V
ALL LOW SIDE DRIVERS (INJ1, ROUT1, ROUT2, LAMPOUT, TACHOUT)
Output Fault Detection Voltage Threshold (9)
Outputs programmed OFF (Open Load)
Outputs programmed ON (Short to Battery)
VOUT(FLT-TH)
2.0
2.5
3.0
V
Output OFF Open Load Detection Current (INJ1, RELAY1, RELAY2 & LAMP)
•VDRAIN = 18 V, Outputs Programmed OFF
I(OFF)OCO
40
75
115
A
Output OFF Open Load Detection Current Tachout
10
–
30
A
Output Leakage Current
•VDRAIN = 24 V, Open Load Detection Disabled and Output commanded
OFF
IOUT(LKG)
–
–
20
A
Over-temperature Shutdown (OT) (10)
TLIM
155
–
185
C
Over-temperature Shutdown Hysteresis(11)
TLIM(HYS)
5.0
10
15
C
Output Clamp Voltage
•ID = 20 mA
VOC
48
53
58
V
INJOUT1
Drain-to-Source ON Resistance
•IOUT = 1.0 A TJ = 125 °C, VPWR = 13 V
•IOUT = 1.0 A TJ = 25 °C, VPWR = 13 V
•IOUT = 1.0 A TJ = -40 °C, VPWR = 13 V
RDS (ON)_INJx
RDS (ON)_INJx
RDS (ON)_INJx
–
–
–
–
0.4
–
0.6
–
–
Continuous current (not to exceed)
IOUT(CC)_INJx
–
–
1.3
A
Output Self Limiting Current
IOUT(LIM)_INJx
1.6
–
3.0
A
Notes
9.
These parameters are guaranteed by design. Production test equipment uses 1.0 MHz, 5.0 V SPI interface.
10.
This parameter is guaranteed by design, however it is not production tested.
11.
Programmable via SPI but variable with magnitude input frequency
Table 4. Power Input Static Electrical Characteristics
Characteristics noted under conditions of 6.0 V
 VPWR  18 V, -40 C  TC  125 C, and Calibrated Timers, unless otherwise
noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25 C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com