Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33813AE Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # PC33813AE
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33813AE Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button PC33813AE Datasheet HTML 28Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 29Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 30Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 31Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 32Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 33Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 34Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 35Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
32
33813
5.1.31 VRS Deglitching Filters
The VRS input circuit has additional filters on the rising and falling edges of the input waveforms to reduce the effect of short
transitions that may occur during those noise sensitive times. The deglitching filters are approximately 1% of the last positive
pulse period. The deglitch filters are enabled by setting the deglitch bit (bit 3) in the SPI VRS miscellaneous parameters
configuration register. This bit is, by default, zero (0), meaning that the deglitch filters are disabled.
5.1.32 High/Low Reference Bit
The High/Low reference bit in the SPI VRS miscellaneous configuration register is used to change the use of the input high pulse
timing to input low pulse timing, in cases where an elongated tooth wheel is being used rather than the missing tooth wheel. The
default for this bit is zero (0), indicating the use of a crankshaft wheel with a missing tooth (or teeth).
5.1.33 Disable VRS Bit
The disable VRS bit in the SPI VRS miscellaneous configuration register is used to disable the VRS input circuitry when there is
no need for a VRS input conditioning circuit. This would be the case, for example, if the crankshaft wheel sensor was a hall effect
device whose output could be directly input to the MCU. The default for this bit is zero (0) indicating that the VRS input
conditioning circuitry is active.
Table 13. Peak Detector Output in SPI VRS Status Register
SPI VRS Status Register
Bits 7,6,5,4
Peak Values (nominal)
0000 (default)
10 mV
0001
14 mV
0010
20 mV
0011
28 mV
0100
40 mV
0101
56 mV
0110
80 mV
0111
113 mV
1000
159 mV
1001
225 mV
1010
318 mV
1011
450 mV
1100
636 mV
1101
900 mV
1110
1.273 V
1111
1.800 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com