Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33813AE Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # PC33813AE
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33813AE Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  PC33813AE Datasheet HTML 1Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 2Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 3Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Document Number: MC33813
Rev. 1.0, 8/2012
Freescale Semiconductor
Product Preview
© Freescale Semiconductor, Inc., 2012. All rights reserved.
*This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
One Cylinder Small Engine
Control IC
The 33813 is an engine control analog power IC intended for one cylinder
motorcycle and other small engine control applications. The IC consists of
five integrated low side drivers, two pre-drivers, a Variable Reluctance
Sensor (VRS) input circuit, a voltage pre-regulator using an external pass
transistor, and two 5.0 volt internal regulators, one for the microcontroller
unit (MCU) VCC supply and the other for use as a protected sensor supply.
Also included is an MCU reset control circuit with watchdog, an ISO 9141
K-line interface for diagnostic communication and a Serial Peripheral
Interface (SPI). The five low side drivers are intended for driving a fuel
injector, a lamp, two relays or other loads, and a tachometer. The pre-
driver is intended to drive IGBT or MOSFET transistors to control ignition
coils, and/or a HEGO heater. The device is packaged in a 48 pin LQFP-
EP with an exposed pad.
Features:
• Operates over a supply voltage range of 4.5 V
 VPWR  36 V
• Logic stability guaranteed down to 2.5 V
• One fuel injector driver - typical of 1.3 A
• One ignition IGBT or general purpose gate pre-driver
• One O2 sensor (HEGO) heater general purpose gate pre-driver
• Relay 1 driver, typically 2.0 A, can be used for fuel pump control
• Relay 2 driver, typically 1.0 A, can be used as power relay control
• Lamp driver, typically 1.0 A can also be used to drive an LED
•VPROT protected sensor supply tracks VCC +5.0 V regulator
• MCU reset generator -system integrity monitor (watchdog)
•VPP pre-regulator provides power for VCC and VPROT regulators
• Independent fault protection with all faults reported via the SPI
• ISO 9141 K-line interface for communicating diagnostic messages
• Start-up / shut-down control and power sequence logic
• Interfaces directly to MCU using a 5.0 V SPI and logic I/O
• Differential / single-ended VRS conditioning circuit with auto/manual
selected thresholds and filter times with digital and tachometer outputs
Figure 1. 33813 Simplified Application Diagram
33813
98ASA00173D
AE SUFFIX (PB-FREE)
48-PIN LQFP
-EP
Applications
Small Engine Control for:
• Lawn Mowers
• Motor Scooters
• Small Motorcycles
• Lawn Trimmers
• Snow Blowers
• Chain Saws
• Gasoline-driven Electrical Generators
• Outboard Motors
ONE CYLINDER SMALL ENGINE
CONTROL IC
VPWR
SPI
VRSOUT
MRX
MC33813
SPI
VBAT
O2HOUT
LAMPOUT
MCU
RESETB
INJOUT1
ROUT1
Relay 1
MIL
O2 Heater
VBAT
VBAT
Injector
RESETB
Crankshaft VRS
VRSP
VRSN
VCC
MTX
INJIN1
O2HIN
GPIO
KEYSW
ROUT2
VPPSENS
GND
+5.0 V
IGNIN1
IGNOUT1
ISO9141
ISO9141
IGNFB1
O2HFB
VPPREF
4
VBAT
Keyswitch
Relay 2
VPROT
5.0 V Sensor Supply
GPIO
GPIO
GPIO
GPIO
GPIO
VBAT
(Power)
(Fuel Pump)
TACHOUT
TACHOMETER
VCC
BATSW
IGNSENSP
IGNSENSN
O2HSENSP
O2HSENSN
GPIO
GPIO
RIN1
RIN2
GPIO


Similar Part No. - PC33813AE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PC33814AE FREESCALE-PC33814AE Datasheet
2Mb / 50P
Two Cylinder Small Engine Control IC
More results

Similar Description - PC33813AE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33810 FREESCALE-MC33810 Datasheet
878Kb / 34P
Automotive Engine Control IC
MC33810 FREESCALE-MC33810_08 Datasheet
2Mb / 35P
Automotive Engine Control IC
33812 FREESCALE-33812 Datasheet
480Kb / 25P
SMALL ENGINE CONTROL IC
33810 FREESCALE-33810_10 Datasheet
1Mb / 35P
Automotive Engine Control IC
MC33814 FREESCALE-MC33814 Datasheet
2Mb / 50P
Two Cylinder Small Engine Control IC
logo
Infineon Technologies A...
TLE8080EM INFINEON-TLE8080EM Datasheet
1Mb / 39P
Engine Management IC for Small Engines
Rev. 1.1, 2012-10-19
TLE8088EM INFINEON-TLE8088EM Datasheet
1Mb / 24P
Engine management IC for Small Engines
Rev 1.0, 2012-10-01
logo
NXP Semiconductors
MC33814 NXP-MC33814 Datasheet
3Mb / 71P
Two cylinder small engine control IC
Rev. 13.0, 12/2019
logo
Infineon Technologies A...
TLE8082ES INFINEON-TLE8082ES Datasheet
3Mb / 61P
Small engine management IC
Rev. 1.0 2021-03-23
logo
STMicroelectronics
L9177A STMICROELECTRONICS-L9177A Datasheet
974Kb / 55P
Automotive engine management control IC for small engines
November 2020 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com