Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33813AE Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # PC33813AE
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33813AE Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  PC33813AE Datasheet HTML 1Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 2Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 3Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33813
3
Pin Connections
3.1
Pinout Diagram
Figure 3. 33813 Pin Connections
3.2
Pin Definitions
Table 2. 33813 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 24.
Pin
Pin Name
Pin
Function
Formal Name
Description
1
O2HFB
Input
O2 Sensor Heater
Feedback Input
Voltage feedback from drain of O2 Sensor Heater driver FET
2
O2HOUT
Output
O2 Sensor Heater
Output
Pre-driver output for O2 Sensor Heater driven by SPI input or O2HIN pin
3
IGNSENSP
Input
Ignition Current
Sense Input Positive
Positive input to the ignition current sense differential amplifier
Used to measure current in IGBT emitter resistor for IGNOUT1 and
IGNOUT2, if used.
4
IGNSENSN
Input
Ignition Current
Sense Input Negative
Negative input to the ignition current sense differential amplifier
Used to measure current in IGBT emitter resistor for IGNOUT1 and
IGNOUT2, if used.
5
O2HSENSN
Input
O2 Heater Current
Sense Input Negative
Negative input to the O2 heater current sense differential amplifier
Used to measure current in of O2 heater driver MOSFET source resistor, if
used.
O2HFB
O2HOUT
IGNSENSP
IGNSENSN
OH2SENSN
VRSP
VRSN
CSB
VPWR
SCLK
NC
TACHOUT
MRX
MTX
BATSW
INJIN1
NC
IGNIN1
O2HIN
RIN2
RIN1
OH2SENSP
VRSOUT
NC
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
Transparent Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com