Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33813AE Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # PC33813AE
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33813AE Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button PC33813AE Datasheet HTML 35Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 36Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 37Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 38Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 39Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 40Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 41Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 42Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
39
33813
5.3.6.3
Watchdog SPI Configuration Register
There are seven bits in the watchdog SPI configuration register which define the time value that is loaded into the watchdog timer.
Bits 3, 2, 1, 0 are a Binary coded decimal (BCD) value from 1 to 10. (11 to 16 are mapped to 10 and 0 is mapped to 1) The
remaining three bits, 6, 5, and 4 are the time multiplier values. There are three time multiplier values so only one bit, 6, 5, or 4
may be set at one time. Setting more than one bit will result in the highest multiplier value getting precedence.
Bit 7 is the watchdog enable(1) or disable(0) bit.
The time multipliers are as follows:
Bit 6 = x1 seconds (s)
Bit 5 = x 100 milliseconds (ms)
Bit 4 = x 10 milliseconds (ms)
The register in Table 15 shows the watchdog enabled and the time value of 10 seconds. Using this technique, time values from
1.0 ms. to 10 seconds can be programmed into the watchdog.
5.3.6.4
Watchdog SPI Control Register
The watchdog relies on Bit 7 of the watchdog SPI control register being written as a one (1) to refresh the watchdog timer (i.e.
reload the time value from the watchdog SPI configuration register). The watchdog SPI control register can also be loaded with
a time value to temporarily set a different value in the watchdog timer for the next cycle.
When Bits 6 thru 0 in the watchdog SPI control register are zero, the value stored in the watchdog SPI configuration register will
be loaded into the watchdog timer. If there is a temporary time value written into the watchdog SPI control register then that value
will be loaded into the watchdog. Since the watchdog SPI control register is automatically cleared to zero when the watchdog
timer is loaded, the next watchdog timer load will be from the value stored in the watchdog SPI configuration register, unless a
new temporary time value is again written to the watchdog SPI Control Register.
Example:
To enable and set the watchdog for a timeout value of 200 ms, the MCU will write the following byte into the watchdog SPI
configuration register:
In the main loop of the MCU’s program there will be a call to a routine to write the following byte into the watchdog SPI Control
Register to refresh the watchdog periodically (must be <200 ms).
Table 15. Watchdog SPI Configuration Register
Enable/Disable
x1 sec.
x100 ms.
x10 ms.
8
4
2
1
1
1
0
0
1
0
1
0
Table 16. Watchdog SPI Control Register
Refresh
x1 sec.
x100 ms.
x10 ms.
8
4
2
1
1
0
0
0
0
0
0
0
Table 17. Watchdog SPI Configuration Register
Enable/Disable
x1 sec.
x100 ms.
x10 ms.
8
4
2
1
1
0
1
0
0
0
1
0
Table 18. Watchdog SPI Control Register
WD Refresh
x1 sec.
x100 ms.
x10 ms.
8
4
2
1
1
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com