Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33813AE Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # PC33813AE
Description  One Cylinder Small Engine Control IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33813AE Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button PC33813AE Datasheet HTML 31Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 32Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 33Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 34Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 35Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 36Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 37Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 38Page - Freescale Semiconductor, Inc PC33813AE Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
35
33813
5.2.1
SPI Integrity Check
One SPI word is reserved as a SPI check message. When bits 12 through 15 are all zero, then the SPI will echo the remaining
12-bit SPI word sent and will flip bits 12 through 14, bit 15 will remain a 0. This allows the MCU to poll the SPI and compare the
received message to confirm the integrity of the SPI communication channel to the 33813. There is a SPI error bit in the SPI
status register that indicates if an incorrect SPI message has been received. The SPI error bit in the SPI status register is set
whenever any SPI message error is detected.
Important A SCLK pulse count strategy has been implemented to ensure integrity of SPI communications. Only SPI messages
consisting of 16 SCLK pulses will be acknowledged. SPI messages consisting of other than 16 SCLK pulses will be ignored by
the device and reported as a SPI error. Invalid SPI messages, that contain invalid commands or addresses will also be flagged
as a SPI error.
Figure 16. SPI Interface with Microprocessor
Two or more 33813 devices may be used in a module system. Multiple ICs may be SPI configured in parallel only. Figure 17
demonstrates the configuration.
Figure 17. SPI Parallel Interface (Only) with Microprocessor
33813
Micro controller
Receive
Buffer
Parallel
Ports
To Logic
16-Bit Shift Register
Shift Register
MOSI
SI
MISO
SO
SCLK
CS
Parallel
Ports
Micro controller
33813
33879A
SI
SCLK
CSB
SI
SO
SCLK
CSB
SCLK
MISO
MOSI
Shift Register
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com