Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5675MPHPREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5675MPHPREP
Description  14-Bit 400-MSPS Digital-to-Analog Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675MPHPREP Datasheet(HTML) 2 Page - Texas Instruments

  DAC5675MPHPREP Datasheet HTML 1Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 2Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 3Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 4Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 5Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 6Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 7Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 8Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
DAC5675-EP
SGLS381A – OCTOBER 2006 – REVISED OCTOBER 2006
The DAC5675 has been specifically designed for a differential transformer-coupled output with a 50-
Ω
doubly-terminated load. With the 20-mA full-scale output current, both a 4:1 impedance ratio (resulting in an
output power of 4 dBm) and 1:1 impedance ratio transformer (–2 dBm) is supported. The last configuration is
preferred for optimum performance at high output frequencies and update rates. The outputs are terminated to
AVDD and have voltage compliance ranges from AVDD – 1 to AVDD + 0.3 V.
An accurate on-chip 1.2-V temperature-compensated bandgap reference and control amplifier allows the user to
adjust this output current from 20 mA down to 2 mA. This provides 20-dB gain range control capabilities.
Alternatively, an external reference voltage may be applied. The DAC5675 features a SLEEP mode, which
reduces the standby power to approximately 18 mW.
The DAC5675 is available in a 48-pin PowerPAD™ thermally-enhanced thin quad flat pack (HTQFP). This
package increases thermal efficiency in a standard size IC package. The device is specified for operation over
the military temperature range of –55
°C to 125°C.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION(1)
PACKAGE
PACKAGE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
LEAD
DESIGNATOR
MARKING
NUMBER
MEDIA, QUANTITY
DAC5675MPHPREP
Tape and reel, 1000
DAC5675-EP
48 HTQFP
PHP
DAC5675-EP
DAC5675MPHPEP
Tray, 250
(1)
For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.
TQFP-48 PACKAGE THERMAL CHARACTERISTICS
SAME PACKAGE
PowerPAD
PARAMETER
FORM WITHOUT
CONNECTED TO
PowerPAD
PCB THERMAL PLANE(1)
RθJA
Thermal resistance, junction to ambient(1)(2)
108.71
°C/W
29.11
°C/W
RθJC
Thermal resistance, junction to case(1)(2)
18.18
°C/W
1.14
°C/W
(1)
Airflow is at 0 LFM (no airflow).
(2)
Specified with the PowerPAD bond pad on the backside of the package soldered to a 2-oz CU plate PCB thermal plane
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com