Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5675MPHPREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5675MPHPREP
Description  14-Bit 400-MSPS Digital-to-Analog Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675MPHPREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC5675MPHPREP Datasheet HTML 3Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 4Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 5Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 6Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 7Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 8Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 9Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 10Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
www.ti.com
Digital Specifications
DAC5675-EP
SGLS381A – OCTOBER 2006 – REVISED OCTOBER 2006
over operating free-air temperature range, typical values at 25
°C, AV
DD = 3.3 V, DVDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVDS Interface: Nodes D[13:0]A, D[13:0]B
Positive-going differential input
VITH+
100
mV
voltage threshold
See LVDS Min/Max Threshold
Voltages table
Negative-going differential input
VITH–
–100
mV
voltage threshold
ZT
Internal termination impedance
90
110
132
Ω
CI
Input capacitance
2
pF
CMOS Interface (SLEEP)
VIH
High-level input voltage
2
3.3
V
VIL
Low-level input voltage
0
0.8
V
IIH
High-level input current
–100
100
µA
IIL
Low-level input current
–10
10
µA
Input capacitance
2
pF
Clock Interface (CLK, CLKC)
|CLK-CLKC|
Clock differential input voltage
0.4
0.8
VPP
tw(H)
Clock pulse width high
1.25
ns
tw(L)
Clock pulse width low
1.25
ns
Clock duty cycle
40%
60%
VCM
Common-mode voltage range
2
± 20%
V
Input resistance
Node CLK, CLKC
670
Ω
Input capacitance
Node CLK, CLKC
2
pF
Input resistance
Differential
1.3
k
Ω
Input capacitance
Differential
1
pF
Timing
tSU
Input setup time
1.5
ns
tH
Input hold time
0.25
ns
tLPH
Input latch pulse high time
2
ns
tDD
Digital delay time
DLL disabled, DLLOFF = 1
3
clk
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com