Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5675MPHPREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5675MPHPREP
Description  14-Bit 400-MSPS Digital-to-Analog Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675MPHPREP Datasheet(HTML) 4 Page - Texas Instruments

  DAC5675MPHPREP Datasheet HTML 1Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 2Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 3Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 4Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 5Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 6Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 7Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 8Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
www.ti.com
Absolute Maximum Ratings
DAC5675-EP
SGLS381A – OCTOBER 2006 – REVISED OCTOBER 2006
over operating free-air temperature range (unless otherwise noted)(1)
DAC5675-EP
UNIT
AVDD(2)
–0.3 to 3.6
Supply voltage range
DVDD(3)
–0.3 to 3.6
V
AVDD to DVDD
–3.6 to 3.6
Voltage between AGND and DGND
–0.3 to 0.5
V
CLK, CLKC(2)
–0.3 to AVDD + 0.3
V
Digital input D[13:0]A, D[13:0]B(3), SLEEP, DLLOFF
–0.3 to DVDD + 0.3
V
IOUT1, IOUT2(2)
–1 to AVDD + 0.3
V
EXTIO, BIASJ(2)
–1 to AVDD + 0.3
V
Peak input current (any input)
20
mA
Peak total input current (all inputs)
–30
mA
Operating free-air temperature range, TA
–55 to 125
°C
Storage temperature range
–65 to 150
°C
Lead temperature 1,6 mm (1/16 in) from the case for 10 s
260
°C
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to AGND
(3)
Measured with respect to DGND
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com