Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5675MPHPREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5675MPHPREP
Description  14-Bit 400-MSPS Digital-to-Analog Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675MPHPREP Datasheet(HTML) 1 Page - Texas Instruments

  DAC5675MPHPREP Datasheet HTML 1Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 2Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 3Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 4Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 5Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 6Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 7Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 8Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
DAC5675-EP
SGLS381A – OCTOBER 2006 – REVISED OCTOBER 2006
14-Bit 400-MSPS Digital-to-Analog Converter
•
Power Dissipation: 660 mW at
fCLK = 400 MSPS, fOUT = 20 MHz
•
400-MSPS Update Rate
•
Package: 48-Pin PowerPAD™
•
Controlled Baseline
Thermally-Enhanced Thin Quad Flat Pack
– One Assembly
(HTQFP) TJA = 29.1°C/W
– One Test Site
– One Fabrication Site
•
Extended Temperature Performance of –55
°C
•
Cellular Base Transceiver Station Transmit
to 125
°C
Channel:
– CDMA: WCDMA, CDMA2000, IS-95
•
Enhanced Diminishing Manufacturing
Sources (DMS) Support
– TDMA: GSM, IS-136, EDGE/GPRS
– Supports Single-Carrier and Multicarrier
•
Enhanced Product-Change Notification
Applications
•
LVDS-Compatible Input Interface
•
Test and Measurement: Arbitrary Waveform
•
Spurious-Free Dynamic Range (SFDR) to
Generation
Nyquist
•
Military Communications
– 69 dBc at 70 MHz IF, 400 MSPS
•
W-CDMA Adjacent Channel Power Ratio
(ACPR)
– 73 dBc at 30.72-MHz IF, 122.88 MSPS
– 71 dBc at 61.44-MHz IF, 245.76 MSPS
•
Differential Scalable Current Outputs: 2 mA
to 20 mA
•
On-Chip 1.2-V Reference
•
Single 3.3-V Supply Operation
The DAC5675 is a 14-bit resolution high-speed digital-to-analog converter (DAC). The DAC5675 is designed for
high-speed digital data transmission in wired and wireless communication systems, high-frequency direct-digital
synthesis (DDS), and waveform reconstruction in test and measurement applications. The DAC5675 has
excellent spurious-free dynamic range (SFDR) at high intermediate frequencies, which makes it well-suited for
multicarrier transmission in TDMA- and CDMA-based cellular base transceiver stations (BTSs).
The DAC5675 operates from a single-supply voltage of 3.3 V. Power dissipation is 660 mW at
fCLK = 400 MSPS, fOUT = 70 MHz. The DAC5675 provides a nominal full-scale differential current output of 20
mA, supporting both single-ended and differential applications. The output current can be directly fed to the load
with no additional external output buffer required. The output is referred to the analog supply voltage AVDD.
The DAC5675 comprises a low-voltage differential signaling (LVDS) interface for high-speed digital data input.
LVDS features a low differential voltage swing with a low constant power consumption across frequency,
allowing for high-speed data transmission with low noise levels; that is, with low electromagnetic interference
(EMI). LVDS is typically implemented in low-voltage digital CMOS processes, making it the ideal technology for
high-speed interfacing between the DAC5675 and high-speed low-voltage CMOS ASICs or FPGAs. The
DAC5675 current-source-array architecture supports update rates of up to 400 MSPS. On-chip edge-triggered
input latches provide for minimum setup and hold times, thereby relaxing interface timing.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC5675MPHPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5675 TI2-DAC5675 Datasheet
897Kb / 33P
14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
REVISED AUGUST 2004
DAC5675-EP TI2-DAC5675-EP Datasheet
897Kb / 33P
14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
REVISED AUGUST 2004
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675A TI1-DAC5675A Datasheet
1,002Kb / 26P
14-Bit, 400MSPS Digital-to-Analog Converter
More results

Similar Description - DAC5675MPHPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474-SP TI-ADS5474-SP Datasheet
1,020Kb / 28P
Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
14-Bit 400-MSPS Digital-to-Analog Converter
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675A-SP TI1-DAC5675A-SP_15 Datasheet
797Kb / 31P
Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474-SP TI1-ADS5474-SP_V01 Datasheet
1Mb / 29P
Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com