Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5675MPHPREP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5675MPHPREP
Description  14-Bit 400-MSPS Digital-to-Analog Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675MPHPREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC5675MPHPREP Datasheet HTML 6Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 7Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 8Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 9Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 10Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 11Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 12Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 13Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
www.ti.com
DAC5675-EP
SGLS381A – OCTOBER 2006 – REVISED OCTOBER 2006
DEVICE INFORMATION (continued)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
19, 41, 46, 47
I
Analog negative supply voltage (ground). Pin 47 is internally connected to the heat slug.
AVDD
20, 42, 45, 48
I
Analog positive supply voltage
BIASJ
39
O
Full-scale output current bias
CLK
22
I
External clock input
CLKC
21
I
Complementary external clock
1, 3, 5, 7, 9,
LVDS positive input, data bits 13–0.
11, 13, 23, 25,
D[13:0]A
I
D13A is the most significant data bit (MSB).
27, 29, 31, 33,
D0A is the least significant data bit (LSB).
35
2, 4, 6, 8, 10,
LVDS negative input, data bits 13–0..
12, 14, 24, 26,
D[13:0]B
I
D13B is the most significant data bit (MSB).
28, 30, 32, 34,
D0B is the least significant data bit (LSB).
36
DGND
16, 18
I
Digital negative supply voltage (ground)
DVDD
15, 17
I
Digital positive supply voltage
Internal reference output or external reference input. Requires a 0.1-
µF decoupling capacitor to
EXTIO
40
I/O
AGND when used as reference output.
DAC current output. Full-scale when all input bits are set 1. Connect the reference side of the
IOUT1
43
O
DAC load resistors to AVDD.
DAC complementary current output. Full-scale when all input bits are 0. Connect the reference
IOUT2
44
O
side of the DAC load resistors to AVDD.
NC
38
Not connected in chip. Can be high or low.
SLEEP
37
I
Asynchronous hardware power-down input. Active high. Internal pulldown.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com