Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5675MPHPREP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5675MPHPREP
Description  14-Bit 400-MSPS Digital-to-Analog Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675MPHPREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC5675MPHPREP Datasheet HTML 9Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 10Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 11Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 12Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 13Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 14Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 15Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 16Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
www.ti.com
APPLICATION INFORMATION
Detailed Description
Bandgap
Reference
1.2 V
Control Amp
Current
Source
Array
Output
Current
Switches
DAC
Latch
+
Drivers
Decoder
Input
Latches
LVDS
Input
Interface
Clock Distribution
SLEEP
EXTIO
BIASJ
D[13:0]A
D[13:0]B
CLK
CLKC
DVDD(2x)
DGND(2x)
14
14
AVDD(4x)
AGND(4x)
CEXT
0.1 F
m
RBIAS
1 k
Ω
1:4
Clock
Input
R
T
200
Ω
3.3V
(AV
DD)
3.3V
(AV
DD)
3.3V
(AV
DD)
100
Ω
50
Ω
50
Ω
I
OUT
I
OUT
1:1
Output
R
LOAD
50
Ω
DAC5675-EP
DAC5675-EP
SGLS381A – OCTOBER 2006 – REVISED OCTOBER 2006
Figure 13 shows a simplified block diagram of the current steering DAC5675. The DAC5675 consists of a
segmented array of NPN-transistor current sources, capable of delivering a full-scale output current up to
20 mA. Differential current switches direct the current of each current source to either one of the complementary
output nodes IOUT1 or IOUT2. The complementary current output enables differential operation, canceling out
common-mode noise sources (digital feedthrough, on-chip, and PCB noise), dc offsets, and even-order
distortion components, and doubling signal output power.
The full-scale output current is set using an external resistor (RBIAS) in combination with an on-chip bandgap
voltage reference source (1.2 V) and control amplifier. The current (IBIAS) through resistor RBIAS is mirrored
internally to provide a full-scale output current equal to 16 times IBIAS. The full-scale current is adjustable from
20 mA down to 2 mA by using the appropriate bias resistor value.
Figure 13. Application Schematic
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com