Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5675MPHPREP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5675MPHPREP
Description  14-Bit 400-MSPS Digital-to-Analog Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675MPHPREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC5675MPHPREP Datasheet HTML 8Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 9Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 10Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 11Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 12Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 13Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 14Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 15Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
www.ti.com
Output Frequency (MHz)
90
86
82
78
74
70
66
62
58
54
50
10
30
20
50
60
40
80
70
90
100 110 120
V
CC = VAA = 3.3 V
f
CLK = 200 MHz
0 dBFS
−3 dBFS
−6 dBFS
Frequency
18
−25
−35
−45
−55
−65
−75
−85
−95
−105
−115
23
28
33
38
43
V
CC = VAA = 3.3 V
f
CLK = 122.88 MHz
f
CENTER = 30.72 MHz
ACLR = 72.29 dB
Frequency
82.2
−30
−40
−50
−60
−70
−80
−90
−100
−110
87.2
92.2
97.2
10.2
V
CC = V AA = 3.3 V
f
CLK = 3 68.64 M Hz
f
CENTER =
92.16 MHz
ACLR = 65 dBc
Output Frequency (MHz)
80
78
76
74
72
70
68
66
64
62
60
10
30
50
70
90
110
130
150
V
CC = VAA = 3.3 V
f
CLK = 399.36 MHz
Single Channel
DAC5675-EP
SGLS381A – OCTOBER 2006 – REVISED OCTOBER 2006
TYPICAL CHARACTERISTICS (continued)
W-CDMA TM1 SINGLE CARRIER
SPURIOUS-FREE DYNAMIC RANGE vs FREQUENCY
POWER vs FREQUENCY
Figure 9.
Figure 10.
W-CDMA TM1 DUAL CARRIER
W-CDMA TM1 SINGLE CARRIER
POWER vs FREQUENCY
ACLR vs OUTPUT FREQUENCY
Figure 11.
Figure 12.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com