Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6474PDTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6474PDTR
Description  easySPIN ??fully integrated microstepping motor driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6474PDTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6474PDTR Datasheet HTML 6Page - STMicroelectronics L6474PDTR Datasheet HTML 7Page - STMicroelectronics L6474PDTR Datasheet HTML 8Page - STMicroelectronics L6474PDTR Datasheet HTML 9Page - STMicroelectronics L6474PDTR Datasheet HTML 10Page - STMicroelectronics L6474PDTR Datasheet HTML 11Page - STMicroelectronics L6474PDTR Datasheet HTML 12Page - STMicroelectronics L6474PDTR Datasheet HTML 13Page - STMicroelectronics L6474PDTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Electrical characteristics
L6474
10/51
Doc ID 022529 Rev 2
t
f
Fall time (3)
POW_SR = '00'; Iout = +1A
90
ns
POW_SR = '00'; Iout = -1A
110
POW_SR = ‘11’, I
out = ±1A
110
POW_SR = ‘10’, I
out = ±1A
260
POW_SR = ‘01’, I
load = ±1A
375
SR
out_r
Output rising slew-rate
POW_SR = '00', I
out = +1A
285
V/µs
POW_SR = '00', I
out = -1A
360
POW_SR = ‘11’, I
out = ±1A
285
POW_SR = ‘10’, I
out = ±1A
150
POW_SR = ‘01’, I
out = ±1A
95
SR
out_f
Output falling slew-rate
POW_SR = '00', I
out = +1A
320
V/µs
POW_SR = '00', I
out = -1A
260
POW_SR = ‘11’, I
out = ±1A
260
POW_SR = ‘10’, I
out = ±1A
110
POW_SR = ‘01’, I
out = ±1A
75
Dead time and blanking
t
DT
Dead time (1)
POW_SR = '00'
250
ns
POW_SR = ‘11’,
f
OSC = 16 MHz
375
POW_SR = ‘10’,
f
OSC = 16 MHz
625
POW_SR = ‘01’,
f
OSC = 16 MHz
875
tblank
Blanking time (1)
POW_SR = '00'
250
ns
POW_SR = ‘11’,
f
OSC = 16 MHz
375
POW_SR = ‘10’,
f
OSC = 16 MHz
625
POW_SR = ‘01’,
f
OSC = 16 MHz
875
Source-drain diodes
VSD,HS
High side diode forward ON voltage
Iout = 1 A
1
1.1
V
VSD,LS
Low side diode forward ON voltage
Iout = 1 A
1
1.1
V
trrHS
High side diode reverse recovery time
Iout = 1 A
30
ns
trrLS
Low side diode reverse recovery time
Iout = 1 A
100
ns
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com