Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6474PDTR Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6474PDTR
Description  easySPIN ??fully integrated microstepping motor driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6474PDTR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6474PDTR Datasheet HTML 22Page - STMicroelectronics L6474PDTR Datasheet HTML 23Page - STMicroelectronics L6474PDTR Datasheet HTML 24Page - STMicroelectronics L6474PDTR Datasheet HTML 25Page - STMicroelectronics L6474PDTR Datasheet HTML 26Page - STMicroelectronics L6474PDTR Datasheet HTML 27Page - STMicroelectronics L6474PDTR Datasheet HTML 28Page - STMicroelectronics L6474PDTR Datasheet HTML 29Page - STMicroelectronics L6474PDTR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
Phase current control
L6474
26/51
Doc ID 022529 Rev 2
7
Phase current control
The L6474 performs a peak current control technique described in detail in Section 7.1.
Furthermore, the L6474 automatically selects the best decay mode in order to follow the
current profile.
Current control algorithm parameters can be programmed by T_FAST, TON_MIN,
TOFF_MIN and CONFIG registers (see paragraphs 9.1.5, 9.1.6, 9.1.7 and 9.1.12 for
details).
The current amplitude can be set through the TVAL register (see paragraph 9.1.4). The
output current amplitude can also be regulated by ADCIN voltage value (see paragraph
6.14).
Each bridge is driven by an independent control system that shares with the other bridge the
control parameters only.
7.1
Peak current control
The L6474 implements a peak current control algorithm with fixed OFF time. The control
cycle begins in the ON state: the opposite high side DMOS low side DMOS of the power
bridges are turned on according to the required current direction. In this way, the phase
current is increased according to the electrical model of the motor.
When the target current value is reached (this value is internally generated according to the
present value of the EL_POS register), the device switches to the OFF state in order to
make the phase current decay. During the OFF state both slow and fast decay can be
performed; the better decay combination is automatically selected by L6472 as described in
section 7.2.
The tOFF value sets through the TOFF parameter of the CONFIG register and the value of
the TOFF_MIN register. If TOFF is greater than TOFF_MIN, it defines the OFF time of the
system. Otherwise the TOFF_MIN value is used.
Figure 9.
Peak current control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com