Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6474PDTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6474PDTR
Description  easySPIN ??fully integrated microstepping motor driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6474PDTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6474PDTR Datasheet HTML 16Page - STMicroelectronics L6474PDTR Datasheet HTML 17Page - STMicroelectronics L6474PDTR Datasheet HTML 18Page - STMicroelectronics L6474PDTR Datasheet HTML 19Page - STMicroelectronics L6474PDTR Datasheet HTML 20Page - STMicroelectronics L6474PDTR Datasheet HTML 21Page - STMicroelectronics L6474PDTR Datasheet HTML 22Page - STMicroelectronics L6474PDTR Datasheet HTML 23Page - STMicroelectronics L6474PDTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
Functional description
L6474
20/51
Doc ID 022529 Rev 2
6.5
Absolute position counter
An internal 22 bit register (ABS_POS) takes memory of motor motion according to the
selected step mode; the stored value unit is equal to the selected step mode (full, half,
quarter, etc.). The position range is from -221 to +221-1 (µ) steps (see Section 9.1.1).
6.6
Step sequence control
The motor movement is defined by the step clock signal applied to the STCK pin. At each
step clock rising edge, the motor is moved by one microstep in the direction selected by DIR
input (high for forward direction and low for reverse direction) and absolute position is
consequently updated.
6.7
Enable and disable commands
The power stage of the device can be enabled and disabled through the respective SPI
commands.
The enable command turns on the power outputs and starts the current control algorithm.
The phase currents are controlled according to present EL_POS value. If a fault condition
requires the power stage to be disabled, the command is ignored.
The disable command immediately forces the power outputs in a high impedance condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com