Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6474PDTR Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6474PDTR
Description  easySPIN ??fully integrated microstepping motor driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6474PDTR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6474PDTR Datasheet HTML 32Page - STMicroelectronics L6474PDTR Datasheet HTML 33Page - STMicroelectronics L6474PDTR Datasheet HTML 34Page - STMicroelectronics L6474PDTR Datasheet HTML 35Page - STMicroelectronics L6474PDTR Datasheet HTML 36Page - STMicroelectronics L6474PDTR Datasheet HTML 37Page - STMicroelectronics L6474PDTR Datasheet HTML 38Page - STMicroelectronics L6474PDTR Datasheet HTML 39Page - STMicroelectronics L6474PDTR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
Programming manual
L6474
36/51
Doc ID 022529 Rev 2
9.1.8
ADC_OUT
The ADC_OUT register contains the result of the analog to digital conversion of the ADCIN
pin voltage.
Any attempt to write to the register causes the command to be ignored and the
NOTPERF_CMD flag to rise (see Section 9.1.13).
9.1.9
OCD_TH
The OCD_TH register contains the overcurrent threshold value (see Section 6.9 for details).
The available range is from 375 mA to 6 A, steps of 375 mA as shown in Table 17.
Table 16.
ADC_OUT value and torque regulation feature
VADCIN/ VREG
ADC_OUT [4..0]
Output current amplitude
0
0
0
0
0
0
125 mA
1/32
0
0
0
0
1
250 mA
30/32
1
1
1
1
0
3.875 A
31/32
1
1
1
1
1
4 A
Table 17.
Overcurrent detection threshold
OCD_TH [3..0]
Overcurrent detection threshold
0
0
0
0
375 mA
0
0
0
1
750 mA
1
1
1
0
5.625 A
1
1
1
1
6 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com