Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6474PDTR Datasheet(PDF) 40 Page - STMicroelectronics

Part # L6474PDTR
Description  easySPIN ??fully integrated microstepping motor driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6474PDTR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L6474PDTR Datasheet HTML 36Page - STMicroelectronics L6474PDTR Datasheet HTML 37Page - STMicroelectronics L6474PDTR Datasheet HTML 38Page - STMicroelectronics L6474PDTR Datasheet HTML 39Page - STMicroelectronics L6474PDTR Datasheet HTML 40Page - STMicroelectronics L6474PDTR Datasheet HTML 41Page - STMicroelectronics L6474PDTR Datasheet HTML 42Page - STMicroelectronics L6474PDTR Datasheet HTML 43Page - STMicroelectronics L6474PDTR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
Programming manual
L6474
40/51
Doc ID 022529 Rev 2
The OSC_SEL and EXT_CLK bits set the system clock source:
The OC_SD bit sets whether or not an overcurrent event causes the bridges to turn off; the
OCD flag in the status register is forced low anyway:
The POW_SR bits set the slew rate value of power bridge output:
Table 23.
Oscillator management
EXT_CLK OSC_SEL[2..0]
Clock source
OSCIN
OSCOUT
0
0
0
0
Internal oscillator: 16 MHz
Unused
Unused
0
0
0
1
0
0
1
0
0
0
1
1
1
0
0
0
Internal oscillator: 16 MHz
Unused
Supplies a 2 MHz
clock
1
0
0
1
Internal oscillator: 16 MHz
Unused
Supplies a 4 MHz
clock
1
0
1
0
Internal oscillator: 16 MHz
Unused
Supplies a 8 MHz
clock
1
0
1
1
Internal oscillator: 16 MHz
Unused
Supplies a 16 MHz
clock
0
1
0
0
External crystal or resonator: 8 MHz
Crystal/resonator driving
Crystal/resonator
driving
0
1
0
1
External crystal or resonator: 16
MHz
Crystal/resonator driving
Crystal/resonator
driving
0
1
1
0
External crystal or resonator: 24
MHz
Crystal/resonator driving
Crystal/resonator
driving
0
1
1
1
External crystal or resonator: 32
MHz
Crystal/resonator driving
Crystal/resonator
driving
1
1
0
0
Ext. clock source: 8 MHz
(Crystal/resonator driver disabled)
Clock source
Supplies inverted
OSCIN signal
1
1
0
1
Ext. clock source: 16 MHz
(Crystal/resonator driver disabled)
Clock source
Supplies inverted
OSCIN signal
1
1
1
0
Ext. clock source: 24 MHz
(Crystal/resonator driver disabled)
Clock source
Supplies inverted
OSCIN signal
1
1
1
1
Ext. clock source: 32 MHz
(Crystal/resonator driver disabled)
Clock source
Supplies inverted
OSCIN signal
Table 24.
Overcurrent event
OC_SD
Overcurrent event
1
Bridges shut down
0
Bridges do not shut down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com