Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6474PDTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6474PDTR
Description  easySPIN ??fully integrated microstepping motor driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6474PDTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6474PDTR Datasheet HTML 21Page - STMicroelectronics L6474PDTR Datasheet HTML 22Page - STMicroelectronics L6474PDTR Datasheet HTML 23Page - STMicroelectronics L6474PDTR Datasheet HTML 24Page - STMicroelectronics L6474PDTR Datasheet HTML 25Page - STMicroelectronics L6474PDTR Datasheet HTML 26Page - STMicroelectronics L6474PDTR Datasheet HTML 27Page - STMicroelectronics L6474PDTR Datasheet HTML 28Page - STMicroelectronics L6474PDTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
L6474
Functional description
Doc ID 022529 Rev 2
25/51
Figure 8.
Internal 3 V linear regulator
6.16
SYNC pin
This pin works as a synchronization signal: the output status is an echo of one of the bits of
the EL_POS register according to a SYNC_SEL and STEP_SEL parameter combination
(see paragraph 9.1.10).
6.17
FLAG pin
By default, an internal open drain transistor pulls the FLAG pin to ground when at least one
of the following conditions occurs:
●
Power-up or standby/reset exit
●
Overcurrent detection
●
Thermal warning
●
Thermal shutdown
●
UVLO
●
Switch turn-on event
●
Wrong command
●
Non performable command.
It is possible to mask one or more alarm conditions by programming the ALARM_EN
register (see paragraph 9.1.11, Table 21). If the corresponding bit of the ALARM_EN
register is low, the alarm condition is masked and it does not cause a FLAG pin transition; all
other actions imposed by alarm conditions are performed anyway. In case of daisy-chain
configuration, FLAG pins of different ICs can be or-wired to save host controller GPIOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com