Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6474PDTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6474PDTR
Description  easySPIN ??fully integrated microstepping motor driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6474PDTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6474PDTR Datasheet HTML 13Page - STMicroelectronics L6474PDTR Datasheet HTML 14Page - STMicroelectronics L6474PDTR Datasheet HTML 15Page - STMicroelectronics L6474PDTR Datasheet HTML 16Page - STMicroelectronics L6474PDTR Datasheet HTML 17Page - STMicroelectronics L6474PDTR Datasheet HTML 18Page - STMicroelectronics L6474PDTR Datasheet HTML 19Page - STMicroelectronics L6474PDTR Datasheet HTML 20Page - STMicroelectronics L6474PDTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
L6474
Typical applications
Doc ID 022529 Rev 2
17/51
5
Typical applications
Figure 4.
Bipolar stepper motor control application using L6474
Table 7.
Typical application values
Name
Value
CVS
220 nF
CVSPOL
100 µF
CREG
100 nF
CREGPOL
47 µF
CDD
100 nF
CDDPOL
10 µF
D1
Charge pump diodes
CBOOT
220 nF
CFLY
10 nF
RPU
39 k
Ω
RSW
100
Ω
CSW
10 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com