Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702AP Datasheet(PDF) 17 Page - SONiX Technology Company

Part # SN8P1702AP
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AP Datasheet(HTML) 17 Page - SONiX Technology Company

Back Button SN8P1702AP Datasheet HTML 13Page - SONiX Technology Company SN8P1702AP Datasheet HTML 14Page - SONiX Technology Company SN8P1702AP Datasheet HTML 15Page - SONiX Technology Company SN8P1702AP Datasheet HTML 16Page - SONiX Technology Company SN8P1702AP Datasheet HTML 17Page - SONiX Technology Company SN8P1702AP Datasheet HTML 18Page - SONiX Technology Company SN8P1702AP Datasheet HTML 19Page - SONiX Technology Company SN8P1702AP Datasheet HTML 20Page - SONiX Technology Company SN8P1702AP Datasheet HTML 21Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 17
Revision 0.5
3
3
3 ADDRESS SPACES
PROGRAM MEMORY (ROM)
OVERVIEW
ROM Maps for SN8P1702A/SN8P1703A devices provide 1K x 16-bit program memory. The SN8P1702A/SN8P1703A
program memory is able to fetch instructions through 12-bit wide PC (Program Counter) and can look up ROM data by
using ROM code registers (R, X, Y, Z). In standard configuration, the device’s 1,024 x 16-bit program memory has four
areas:
1-word reset vector addresses
1-word Interrupt vector addresses
5-words reserved area
1K words
(SN8P1702)
All of the program memory is partitioned into three coding areas. The first area is located from 00H to 03H(The Reset
vector area), the second area is a reserved area 04H ~07H, the third area is for the interrupt vector and the user code
area from 0008H to 03FEH. The address 08H is the interrupt enter address point.
ROM
0000H
Reset vector
User reset vector
0001H
Jump to user start address
0002H
Jump to user start address
0003H
General purpose area
Jump to user start address
0004H
0005H
0006H
0007H
Reserved
0008H
Interrupt vector
User interrupt vector
0009H
User program
.
.
000FH
0010H
0011H
.
.
03FEH
General purpose area
End of user program
03FFH
Reserved
Figure 3-1. ROM Address Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com