Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702AP Datasheet(PDF) 56 Page - SONiX Technology Company

Part # SN8P1702AP
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AP Datasheet(HTML) 56 Page - SONiX Technology Company

Back Button SN8P1702AP Datasheet HTML 52Page - SONiX Technology Company SN8P1702AP Datasheet HTML 53Page - SONiX Technology Company SN8P1702AP Datasheet HTML 54Page - SONiX Technology Company SN8P1702AP Datasheet HTML 55Page - SONiX Technology Company SN8P1702AP Datasheet HTML 56Page - SONiX Technology Company SN8P1702AP Datasheet HTML 57Page - SONiX Technology Company SN8P1702AP Datasheet HTML 58Page - SONiX Technology Company SN8P1702AP Datasheet HTML 59Page - SONiX Technology Company SN8P1702AP Datasheet HTML 60Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 56
Revision 0.5
TC0M MODE REGISTER
The TC0M is the timer counter mode register, which is an 8-bit read/write register. By loading different value into the
TC0M register, users can modify the timer counter clock frequency dynamically when program executing.
Eight rates for TC0 timer can be selected by TC0RATE0 ~ TC0RATE2 and TC0X8 bits of T0M register. If TC0X8=1 the
TC0 will faster 8 times than TC0X8=0 (Initial value). The bit7 of TC0M named TC0ENB is the control bit to start TC0
timer.
TC0M initial value = 0000 0000
0DAH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TC0M
TC0ENB
TC0RATE2 TC0RATE1 TC0RATE0
TC0CKS
ALOAD0
TC0OUT
PWM0OUT
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit7
TC0ENB: TC0 counter/BZ0/PWM0OUT enable bit.
0 = disable,
1 = enable.
Bit [6:4]
TC0RATE[2:0]: TC0 clock source selection bits. TC0X8 is bit 2 of T0M register.
TC0 Clock Source
TC0RATE [2:0]
TC0X8 = 0
TC0X8 = 1
000
Fcpu/256 = Fosc/1024 Fosc/128
001
Fcpu/128 = Fosc/512
Fosc/64
…
…
…
110
Fcpu/4
= Fosc/16
Fosc/2
111
Fcpu/2
= Fosc/8
Fosc
Note: Fcpu = Fosc / 4
Bit3
TC0CKS: TC0 clock source select bit.
0 = Fcpu,
1 = External clock comes from INT0/P0.0 pin.
Bit2
ALOAD0: TC0 auto-reload function control bit.
0 = none auto-reload,
1 = auto-reload.
Bit1
TC0OUT: TC0 time-out toggle signal output control bit.
0 = to disable TC0 signal output and to enable P5.4’s I/O function,
1 = to enable TC0’s signal output and to disable P5.4’s I/O function. (Auto-disable the PWM0OUT function.)
Bit0
PWM0OUT: TC0’s PWM output control bit.
0 = to disable the PWM output,
1 = to enable the PWM output (The TC0OUT control bit must = 0 )
Note: When TC0CKS=1, TC0 became an external event counter. No more P0.0 interrupt request will be
raised. (P0.0IRQ will be always 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com