Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702AP Datasheet(PDF) 41 Page - SONiX Technology Company

Part # SN8P1702AP
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AP Datasheet(HTML) 41 Page - SONiX Technology Company

Back Button SN8P1702AP Datasheet HTML 37Page - SONiX Technology Company SN8P1702AP Datasheet HTML 38Page - SONiX Technology Company SN8P1702AP Datasheet HTML 39Page - SONiX Technology Company SN8P1702AP Datasheet HTML 40Page - SONiX Technology Company SN8P1702AP Datasheet HTML 41Page - SONiX Technology Company SN8P1702AP Datasheet HTML 42Page - SONiX Technology Company SN8P1702AP Datasheet HTML 43Page - SONiX Technology Company SN8P1702AP Datasheet HTML 44Page - SONiX Technology Company SN8P1702AP Datasheet HTML 45Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 41
Revision 0.5
In worse power, condition as brown out reset. The reset pin may keep high level but the VDD is low voltage. That
makes the system reset fail and chip error. To connect a diode from reset pin to VDD is a good solution. The circuit can
force the capacitor to release electric charge and drop the voltage, and solve the error.
GND
VCC
RST
VDD
MCU
VSS
R
20K ohm
C
0.1uF
DIODE
Figure 6-4. External Reset Circuit with Diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com