Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702AP Datasheet(PDF) 27 Page - SONiX Technology Company

Part # SN8P1702AP
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AP Datasheet(HTML) 27 Page - SONiX Technology Company

Back Button SN8P1702AP Datasheet HTML 23Page - SONiX Technology Company SN8P1702AP Datasheet HTML 24Page - SONiX Technology Company SN8P1702AP Datasheet HTML 25Page - SONiX Technology Company SN8P1702AP Datasheet HTML 26Page - SONiX Technology Company SN8P1702AP Datasheet HTML 27Page - SONiX Technology Company SN8P1702AP Datasheet HTML 28Page - SONiX Technology Company SN8P1702AP Datasheet HTML 29Page - SONiX Technology Company SN8P1702AP Datasheet HTML 30Page - SONiX Technology Company SN8P1702AP Datasheet HTML 31Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 27
Revision 0.5
R REGISTERS
There are two major functions of the R register. First, R register can be used as working registers. Second, the R
registers can be store high-byte data of look-up ROM data. After MOVC instruction executed, the high-byte data of a
ROM address will be stored in R register and the low-byte data stored in ACC.
R initial value = 0000 0000
082H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
RBIT7
RBIT6
RBIT5
RBIT4
RBIT3
RBIT2
RBIT1
RBIT0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Note: Please consult the “LOOK-UP TABLE DESCRIPTION” about R register look-up table application.
PROGRAM FLAG
The PFLAG includes carry flag (C), decimal carry flag (DC) and zero flag (Z). If the result of operating is zero or there is
carry, borrow occurrence, then these flags will be set to PFLAG register.
PFLAG initial value = xxxx x000
086H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PFLAG
-
-
-
-
-
C
DC
Z
-
-
-
-
-
R/W
R/W
R/W
CARRY FLAG
C = 1: If executed arithmetic addition with occurring carry signal or executed arithmetic subtraction without borrowing
signal or executed rotation instruction with shifting out logic “1”.
C = 0: If executed arithmetic addition without occurring carry signal or executed arithmetic subtraction with borrowing
signal or executed rotation instruction with shifting out logic “0”.
DECIMAL CARRY FLAG
DC = 1: If executed arithmetic addition with occurring carry signal from low nibble or executed arithmetic subtraction
without borrow signal from high nibble.
DC = 0: If executed arithmetic addition without occurring carry signal from low nibble or executed arithmetic subtraction
with borrow signal from high nibble.
ZERO FLAG
Z = 1: After operation, the content of ACC is zero.
Z = 0: After operation, the content of ACC is not zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com