Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702AP Datasheet(PDF) 40 Page - SONiX Technology Company

Part # SN8P1702AP
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AP Datasheet(HTML) 40 Page - SONiX Technology Company

Back Button SN8P1702AP Datasheet HTML 36Page - SONiX Technology Company SN8P1702AP Datasheet HTML 37Page - SONiX Technology Company SN8P1702AP Datasheet HTML 38Page - SONiX Technology Company SN8P1702AP Datasheet HTML 39Page - SONiX Technology Company SN8P1702AP Datasheet HTML 40Page - SONiX Technology Company SN8P1702AP Datasheet HTML 41Page - SONiX Technology Company SN8P1702AP Datasheet HTML 42Page - SONiX Technology Company SN8P1702AP Datasheet HTML 43Page - SONiX Technology Company SN8P1702AP Datasheet HTML 44Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 40
Revision 0.5
EXTERNAL RESET DESCRIPTION
The external reset is a low level active device. The reset pin receives the low voltage and resets the system. When the
voltage detects high level, it stops resetting the system. Users can use an external reset circuit to control system
operation. It is necessary that the VDD must be stable.
External Reset
VDD
Internal Reset Signal
External Reset Detect Level
End of External Reset
System Reset
Figure 6-2 External Reset Timing Diagram
Users must to be sure the VDD stable earlier than external reset (Figure 5-2) or the external reset will fail. The external
reset circuit is a simple RC circuit as following.
GND
VCC
RST
VDD
MCU
VSS
R
20K ohm
C
0.1uF
Figure 6-3. External Reset Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com