Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702AP Datasheet(PDF) 52 Page - SONiX Technology Company

Part # SN8P1702AP
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AP Datasheet(HTML) 52 Page - SONiX Technology Company

Back Button SN8P1702AP Datasheet HTML 48Page - SONiX Technology Company SN8P1702AP Datasheet HTML 49Page - SONiX Technology Company SN8P1702AP Datasheet HTML 50Page - SONiX Technology Company SN8P1702AP Datasheet HTML 51Page - SONiX Technology Company SN8P1702AP Datasheet HTML 52Page - SONiX Technology Company SN8P1702AP Datasheet HTML 53Page - SONiX Technology Company SN8P1702AP Datasheet HTML 54Page - SONiX Technology Company SN8P1702AP Datasheet HTML 55Page - SONiX Technology Company SN8P1702AP Datasheet HTML 56Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 52
Revision 0.5
EXTERNAL WAKEUP TRIGGER CONTROL
In the SN8P1702A/SN8P1703A, the wakeup trigger direction is control by PEDGE register.
PEDGE initial value = 0xx0 0xxx
0BFH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PEDGE
PEDGEN
-
-
P00G1
P00G0
-
-
-
R/W
-
-
R/W
R/W
-
-
-
Bit7
PEDGEN: Interrupt and wakeup trigger edge control bit.
0 = Disable edge trigger function.
Port 0: Low-level wakeup trigger and falling edge interrupt trigger.
Port 1: Low-level wakeup trigger.
1 = Enable edge trigger function.
P0.0:
Wakeup and interrupt trigger is controlled by P00G1 and P00G0 bits.
Port 1: Level change (falling or rising edge) wakeup trigger.
Bit[4:3]
P00G[1:0]: Port 0.0 edge select bits.
00 = reserved,
01 = rising edge,
10 = falling edge,
11 = rising/falling bi-direction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com