Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1702AP Datasheet(PDF) 63 Page - SONiX Technology Company

Part # SN8P1702AP
Description  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702AP Datasheet(HTML) 63 Page - SONiX Technology Company

Back Button SN8P1702AP Datasheet HTML 59Page - SONiX Technology Company SN8P1702AP Datasheet HTML 60Page - SONiX Technology Company SN8P1702AP Datasheet HTML 61Page - SONiX Technology Company SN8P1702AP Datasheet HTML 62Page - SONiX Technology Company SN8P1702AP Datasheet HTML 63Page - SONiX Technology Company SN8P1702AP Datasheet HTML 64Page - SONiX Technology Company SN8P1702AP Datasheet HTML 65Page - SONiX Technology Company SN8P1702AP Datasheet HTML 66Page - SONiX Technology Company SN8P1702AP Datasheet HTML 67Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 63
Revision 0.5
TC0 CLOCK FREQUENCY OUTPUT (BUZZER)
TC0 timer counter provides a frequency output function. By setting the TC0 clock frequency, the clock signal is output
to P5.4 and the P5.4 general purpose I/O function is auto-disable. The TC0 output signal divides by 2. The TC0 clock
has many combinations and easily to make difference frequency. This function applies as buzzer output to output
multi-frequency.
Figure 8-2. The TC0OUT Pulse Frequency
Example: Setup TC0OUT output from TC0 to TC0OUT (P5.4). The external high-speed clock is 4MHz. The
TC0OUT frequency is 1KHz. Because the TC0OUT signal is divided by 2, set the TC0 clock to
2KHz. The TC0 clock source is from external oscillator clock. TC0 rate is Fcpu/4. The
TC0RATE2~TC0RATE1 = 110, TC0C = TC0R = 131, TC0X8 = 0, TC0_Counter=8-bit
B0BCLR
FTC0X8
; Set TC0X8 to 0
MOV
A,#01100000B
B0MOV
TC0M,A
; Set the TC0 rate to Fcpu/4
MOV
A,#131
; Set the auto-reload reference value
B0MOV
TC0C,A
B0MOV
TC0R,A
B0BSET
FTC0OUT
; Enable TC0 output to P5.4 and disable P5.4 I/O function
B0BSET
FALOAD0
; Enable TC0 auto-reload function
B0BSET
FTC0ENB
; Enable TC0 timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com