Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP100MDBVREP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMP100MDBVREP
Description  DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP100MDBVREP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP100MDBVREP Datasheet HTML 12Page - Texas Instruments TMP100MDBVREP Datasheet HTML 13Page - Texas Instruments TMP100MDBVREP Datasheet HTML 14Page - Texas Instruments TMP100MDBVREP Datasheet HTML 15Page - Texas Instruments TMP100MDBVREP Datasheet HTML 16Page - Texas Instruments TMP100MDBVREP Datasheet HTML 17Page - Texas Instruments TMP100MDBVREP Datasheet HTML 18Page - Texas Instruments TMP100MDBVREP Datasheet HTML 19Page - Texas Instruments TMP100MDBVREP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
TMP100−EP, TMP101−EP
DIGITAL TEMPERATURE SENSOR
WITH I2C INTERFACE
SGLS254A − JULY 2005 - REVISED APRIL 2010
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS, at TA = 255C, V+ = 5 V, UNLESS OTHERWISE NOTED
TA − Free-Air Temperature − °C
30
40
50
60
70
−60 −40 −20
0
20
40
60
80
100 120 140
Serial Bus Inactive
QUIESCENT CURRENT vs TEMPERATURE
V+ = 5 V
Figure 9
V+ = 2.7 V
TA − Free-Air Temperature − °C
−0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
−60 −40 −20
0
20
40
60
80
100 120 140
SHUTDOWN CURRENT vs TEMPERATURE
Figure 10
TA − Free-Air Temperature − °C
250
300
350
400
−60 −40 −20
0
20
40
60
80
100 120 140
Note: 12-Bit Resolution
CONVERSION TIME vs TEMPERATURE
V+ = 5 V
V+ = 2.7 V
Figure 11
TA − Free-Air Temperature − °C
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
−60 −40 −20
0
20
40
60
80
100 120 140
TEMPERATURE ACCURACY vs TEMPERATURE
3 Typical Units
Note: 12-Bit Resolution
Figure 12
SCL Frequency − Hz
0
20
40
60
80
100
120
140
160
180
QUIESCENT CURRENT WITH BUS ACTIVITY vs FREQUENCY
10k
100k
1M
10M
Figure 13
125
°C
Fast Mode
Hs Mode
125
°C
25
°C
25
°C
−55
°C
−55
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com