Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP100MDBVREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP100MDBVREP
Description  DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP100MDBVREP Datasheet(HTML) 3 Page - Texas Instruments

  TMP100MDBVREP Datasheet HTML 1Page - Texas Instruments TMP100MDBVREP Datasheet HTML 2Page - Texas Instruments TMP100MDBVREP Datasheet HTML 3Page - Texas Instruments TMP100MDBVREP Datasheet HTML 4Page - Texas Instruments TMP100MDBVREP Datasheet HTML 5Page - Texas Instruments TMP100MDBVREP Datasheet HTML 6Page - Texas Instruments TMP100MDBVREP Datasheet HTML 7Page - Texas Instruments TMP100MDBVREP Datasheet HTML 8Page - Texas Instruments TMP100MDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TMP100−EP, TMP101−EP
DIGITAL TEMPERATURE SENSOR
WITH I2C INTERFACE
SGLS254A − JULY 2005 - REVISED APRIL 2010
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, V+
2.7
5.5
V
Operating free-air temperature, TA
−55
125
°C
electrical characteristics over recommended operating free-air temperature range,
VDD = 2.7 V to 5.5 V (unless otherwise noted)
temperature input
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Range
−55
125
°C
Accuracy (temperature error)
−25
°C to 85°C
±0.5
±2
°C
Accuracy (temperature error)
−55
°C to 125°C
±1
±3
°C
Resolution
Selectable
±0.0625
°C
digital input/output
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
0.7(V+)
(V+) + 0.5
V
VIL
Low-level input voltage
−0.5
0.3(V+)
V
IIN
Input current
VIN = 0 V to 6 V
1
μA
V
Low level output voltage
IOL = 3 mA
SDA
0
0.15
0.4
V
VOL
Low-level output voltage
IOL = 4 mA
ALERT
0
0.15
0.4
V
Resolution
Selectable
9 to 12
bits
9-bit
40
75
Conversion time
10-bit
80
150
ms
Conversion time
11-bit
160
300
ms
12-bit
320
600
9-bit
25
Conversion rate
10-bit
12
s/s
Conversion rate
11-bit
6
s/s
12-bit
3
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Serial bus inactive
45
75
IQ
Quiescent current
Serial bus active
SCL = 400 kHz
70
μA
Q
Q
Serial bus active
SCL = 3.4 MHz
150
μ
Serial bus inactive
0.1
1
ISD
Shutdown current
Serial bus active
SCL = 400 kHz
20
μA
SD
Serial bus active
SCL = 3.4 MHz
100
μ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com