Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP100MDBVREP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP100MDBVREP
Description  DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP100MDBVREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP100MDBVREP Datasheet HTML 9Page - Texas Instruments TMP100MDBVREP Datasheet HTML 10Page - Texas Instruments TMP100MDBVREP Datasheet HTML 11Page - Texas Instruments TMP100MDBVREP Datasheet HTML 12Page - Texas Instruments TMP100MDBVREP Datasheet HTML 13Page - Texas Instruments TMP100MDBVREP Datasheet HTML 14Page - Texas Instruments TMP100MDBVREP Datasheet HTML 15Page - Texas Instruments TMP100MDBVREP Datasheet HTML 16Page - Texas Instruments TMP100MDBVREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TMP100−EP, TMP101−EP
DIGITAL TEMPERATURE SENSOR
WITH I2C INTERFACE
SGLS254A − JULY 2005 - REVISED APRIL 2010
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge bit. A device
that acknowledges must pull down the SDA line during the Acknowledge clock pulse in such a way that the SDA
line is stable low during the high period of the acknowledge clock pulse. Setup and hold times must be taken
into account. On a master receive, the termination of the data transfer can be signaled by the master generating
a not-acknowledge on the last byte that has been transmitted by the slave.
PARAMETER
FAST MODE
HIGH-SPEED MODE
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
f(SCLK)
SLCK operating frequency
0.4
3.4
MHz
t(BUF)
Bus free time between STOP and START condition
600
160
ns
th(STA)
Hold time after repeated START condition. After this period, the
first clock is generated.
600
160
ns
tsu(STA)
Repeated START condition setup time
600
160
ns
tsu(STO)
STOP condition setup time
600
160
ns
th(DAT)
Data hold time
0
0
ns
tsu(DAT)
Data setup time
100
10
ns
t(LOW)
SCLK clock low period
1300
160
ns
t(HIGH)
SCLK clock high period
600
60
ns
tf
Clock/data fall time
300
160
ns
tr
Clock/data rise time
300
160
ns
Table 13. Timing Diagram Definitions
P
S
S
P
SCL
SDA
t(BUF)
th(STA)
tr
t(LOW)
th(DAT)
tf
t(HIGH)
tsu(DAT)
tsu(STA)
th(STA)
tsu(STO)
Figure 5. I2C Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com