Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP100MDBVREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP100MDBVREP
Description  DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP100MDBVREP Datasheet(HTML) 4 Page - Texas Instruments

  TMP100MDBVREP Datasheet HTML 1Page - Texas Instruments TMP100MDBVREP Datasheet HTML 2Page - Texas Instruments TMP100MDBVREP Datasheet HTML 3Page - Texas Instruments TMP100MDBVREP Datasheet HTML 4Page - Texas Instruments TMP100MDBVREP Datasheet HTML 5Page - Texas Instruments TMP100MDBVREP Datasheet HTML 6Page - Texas Instruments TMP100MDBVREP Datasheet HTML 7Page - Texas Instruments TMP100MDBVREP Datasheet HTML 8Page - Texas Instruments TMP100MDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TMP100−EP, TMP101−EP
DIGITAL TEMPERATURE SENSOR
WITH I2C INTERFACE
SGLS254A − JULY 2005 - REVISED APRIL 2010
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
The TMP100 and TMP101 are digital temperature sensors optimal for thermal management and thermal
protection applications. The TMP100 and TMP101 are I2C and SMBus interface compatible and are specified
over a temperature range of −55
°C to +125°C.
The TMP100 and TMP101 require no external components for operation except for pullup resistors on SCL,
SDA, and ALERT although a 0.1-
μF bypass capacitor is recommended, as shown in Figure 1 and Figure 2.
NOTE 2: SCL and SDA require pullup resistors for I2C bus applications.
ADD1
(Input)
0.1
μF
TMP100
ADD0
(Input)
3
5
6
SCL
SDA
To I2C
Controller
GND
2
4
V+
1
Figure 1. Typical Connections of the TMP100
NOTE 3: SCL, SDA, and ALERT require pullup resistors for I2C bus applications.
ALERT
(Output)
0.1
μF
TMP101
ADD0
(Input)
3
5
6
SCL
SDA
To I2C
Controller
GND
2
4
V+
1
Figure 2. Typical Connections of the TMP101
The die flag of the lead frame is connected to pin 2. The sensing device of the TMP100 and TMP101 is the chip
itself. Thermal paths run through the package leads as well as the plastic package. The lower thermal resistance
of metal causes the leads to provide the primary thermal path. The GND pin of the TMP100 or TMP101 is directly
connected to the metal lead frame and is the best choice for thermal input.
To maintain the accuracy in applications requiring air or surface temperature measurement, care should be
taken to isolate the package and leads from ambient air temperature. A thermally conductive adhesive assists
in achieving accurate surface temperature measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com