Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP100MDBVREP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP100MDBVREP
Description  DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP100MDBVREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP100MDBVREP Datasheet HTML 5Page - Texas Instruments TMP100MDBVREP Datasheet HTML 6Page - Texas Instruments TMP100MDBVREP Datasheet HTML 7Page - Texas Instruments TMP100MDBVREP Datasheet HTML 8Page - Texas Instruments TMP100MDBVREP Datasheet HTML 9Page - Texas Instruments TMP100MDBVREP Datasheet HTML 10Page - Texas Instruments TMP100MDBVREP Datasheet HTML 11Page - Texas Instruments TMP100MDBVREP Datasheet HTML 12Page - Texas Instruments TMP100MDBVREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TMP100−EP, TMP101−EP
DIGITAL TEMPERATURE SENSOR
WITH I2C INTERFACE
SGLS254A − JULY 2005 - REVISED APRIL 2010
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
high and low limit registers
In comparator mode (TM = 0), the ALERT pin of the TMP101 becomes active when the temperature equals or
exceeds the value in THIGH and generates a consecutive number of faults according to fault bits F1 and F0. The
ALERT pin remains active until the temperature falls below the indicated TLOW value for the same number of
faults.
In Interrupt Mode (TM = 1) the ALERT Pin becomes active when the temperature equals or exceeds THIGH for
a consecutive number of fault conditions. The ALERT pin remains active until a read operation of any register
occurs or the device successfully responds to the SMBus Alert Response Address. The ALERT pin will also be
cleared if the device is placed in Shutdown Mode. Once the ALERT pin is cleared, it will only become active again
by the temperature falling below TLOW. When the temperature falls below TLOW, the ALERT pin becomes active
and remains active until cleared by a read operation of any register or a successful response to the SMBus Alert
Response Address. Once the ALERT pin is cleared, the above cycle repeats with the ALERT pin becoming
active when the temperature equals or exceeds THIGH. The ALERT pin can also be cleared by resetting the
device with the General Call Reset command. This also clears the state of the internal registers in the device
returning the device to Comparator Mode (TM = 0).
The ALERT pin function for both operational modes is represented in Figure 4. Table 9 and Table 10 describe
the format for the THIGH and TLOW registers. Power-up reset values for THIGH and TLOW are: THIGH = 80°C and
TLOW = 75°C. The format of the data for THIGH and TLOW is the same as for the temperature register.
All 12 bits for the temperature, THIGH, and TLOW registers are used in the comparisons for the ALERT function
for all converter resolutions. The three LSBs in THIGH and TLOW can affect the ALERT output even if the
converter is configured for 9-bit resolution.
Byte
D7
D6
D5
D4
D3
D2
D1
D0
1
H11
H10
H9
H8
H7
H6
H5
H4
Byte
D7
D6
D5
D4
D3
D2
D1
D0
2
H3
H2
H1
H0
0
0
0
0
Table 9. Bytes 1 and 2 of THIGH Register
Byte
D7
D6
D5
D4
D3
D2
D1
D0
1
L11
L10
L9
L8
L7
L6
L5
L4
Byte
D7
D6
D5
D4
D3
D2
D1
D0
2
L3
L2
L1
L0
0
0
0
0
Table 10. Bytes 1 and 2 of TLOW Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com