Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP100MDBVREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP100MDBVREP
Description  DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP100MDBVREP Datasheet(HTML) 1 Page - Texas Instruments

  TMP100MDBVREP Datasheet HTML 1Page - Texas Instruments TMP100MDBVREP Datasheet HTML 2Page - Texas Instruments TMP100MDBVREP Datasheet HTML 3Page - Texas Instruments TMP100MDBVREP Datasheet HTML 4Page - Texas Instruments TMP100MDBVREP Datasheet HTML 5Page - Texas Instruments TMP100MDBVREP Datasheet HTML 6Page - Texas Instruments TMP100MDBVREP Datasheet HTML 7Page - Texas Instruments TMP100MDBVREP Datasheet HTML 8Page - Texas Instruments TMP100MDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TMP100−EP, TMP101−EP
DIGITAL TEMPERATURE SENSOR
WITH I2C INTERFACE
SGLS254A − JULY 2005 - REVISED APRIL 2010
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product-Change Notification
D Qualification Pedigree†
D Digital Output: I2C Serial 2-Wire
D Resolution: 9- to 12-Bits, User Selectable
D Accuracy: +25C from −255C to +855C (MAX),
+35C from −555C to +1255C (MAX)
† Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
D Low Quiescent Current: 45 mA, 0.1-mA
Standby
D Wide Supply Range: 2.7 V to 5.5 V
D Small SOT23-6 Package
applications
D Power-Supply Temperature Monitoring
D Computer Peripheral Thermal Protection
D Notebook Computers
D Battery Management
D Thermostat Controls
D Environmental Monitoring
D Electromechanical Device Temperature
description/ordering information
The TMP100 and TMP101 are 2-wire, serial
output
temperature
sensors
available
in
SOT23−6 packages. Requiring no external
components, the TMP100 and TMP101 are
capable of reading temperatures with a resolution
of 0.0625
°C.
The TMP100 and TMP101 feature SMBus and
I2C
™ interface compatibility, with the TMP100
allowing up to eight devices on one bus.
The TMP100 and TMP101 are ideal for extended temperature measurement in a variety of communication,
computer, consumer, environmental, industrial, and instrumentation applications.
The TMP100M and TMP101M are specified for operation over a temperature range of −55
°C to +125°C.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
55
°Cto125°C
SOT23-6 (DBV)
Reel of 3000
TMP100MDBVREP
100E
−55
°C to 125°C
SOT23-6 (DBV)
Reel of 3000
TMP101MDBVREP}
101E
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
‡ Product Preview
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range
from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage
because very small parametric changes could cause the device not to meet its published specifications. These devices have limited
built-in ESD protection.
Copyright
© 2010 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
6
5
4
SCL
GND
ADD1
SDA
ADD0
V+
DBV PACKAGE
(TOP VIEW)
TMP100
1
2
3
6
5
4
SCL
GND
ALERT
SDA
ADD0
V+
TMP101
I2C is a registered trademark of Philips Incorporated.


Similar Part No. - TMP100MDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100 TI-TMP100 Datasheet
221Kb / 10P
Digital Temperature Sensor with I2C Interface
TMP100 TI-TMP100 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
TMP100 TI-TMP100 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
TMP100 TI-TMP100 Datasheet
886Kb / 30P
TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP100 TI2-TMP100 Datasheet
611Kb / 31P
TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
REVISED NOVEMBER 2015
More results

Similar Description - TMP100MDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100 TI-TMP100 Datasheet
221Kb / 10P
Digital Temperature Sensor with I2C Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
Digital Temperature Sensor with SPI??Interface
2002
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Texas Instruments
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
TMP100NA250G4 TI-TMP100NA250G4 Datasheet
761Kb / 19P
Digital Temperature Sensor with I2C Interface
TMP100-Q1 TI-TMP100-Q1_15 Datasheet
229Kb / 20P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
Ambient Light Sensor with I2C digital interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
Digital Temperature Sensor with SPI Interface
05/02/11
logo
Silicon Laboratories
SI7057-A10 SILABS-SI7057-A10 Datasheet
1Mb / 23P
DIGITAL I2C TEMPERATURE SENSOR
Rev. 1.1 4/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com