Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP100MDBVREP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMP100MDBVREP
Description  DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP100MDBVREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP100MDBVREP Datasheet HTML 6Page - Texas Instruments TMP100MDBVREP Datasheet HTML 7Page - Texas Instruments TMP100MDBVREP Datasheet HTML 8Page - Texas Instruments TMP100MDBVREP Datasheet HTML 9Page - Texas Instruments TMP100MDBVREP Datasheet HTML 10Page - Texas Instruments TMP100MDBVREP Datasheet HTML 11Page - Texas Instruments TMP100MDBVREP Datasheet HTML 12Page - Texas Instruments TMP100MDBVREP Datasheet HTML 13Page - Texas Instruments TMP100MDBVREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TMP100−EP, TMP101−EP
DIGITAL TEMPERATURE SENSOR
WITH I2C INTERFACE
SGLS254A − JULY 2005 - REVISED APRIL 2010
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
serial interface
The TMP100 and TMP101 operate only as slave devices on the I2C bus and SMBus. Connections to the bus
are made via the open-drain I/O lines SDA and SCL. The TMP100 and TMP101 support the transmission
protocol for fast (up to 400 kHz) and high-speed (up to 3.4 MHz) modes. All data bytes are transmitted most
significant bit first.
serial bus address
To program the TMP100 and TMP101, the master must first address slave devices via a slave address byte.
The slave address byte consists of seven address bits and a direction bit indicating the intent of executing a
read or write operation.
The TMP100 features two address pins to allow up to eight devices to be addressed on a single I2C interface.
Table 11 describes the pin logic levels used to properly connect up to eight devices. Float indicates the pin is
left unconnected. The state of pins ADD0 and ADD1 is sampled on the first I2C bus communication and should
be set prior to any activity on the interface.
ADD1
ADD0
SLAVE ADDRESS
0
0
1001000
0
Float
1001001
0
1
1001010
1
0
1001100
1
Float
1001101
1
1
1001110
Float
0
1001011
Float
1
1001111
Table 11. Address Pins and Slave Addresses for TMP100
The TMP101 features one address pin and an ALERT pin, allowing up to three devices to be connected per
bus. Pin logic levels are described in Table 12. The address pins of the TMP100 and TMP101 are read after
reset or in response to an I2C address acquire request. Following a read, the state of the address pins is latched
to minimize power dissipation associated with detection.
ADD0
SLAVE ADDRESS
0
1001000
Float
1001001
1
1001010
Table 12. Address Pins and Slave Addresses for TMP101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com