Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4090 Datasheet(PDF) 17 Page - Texas Instruments

Part # TNETX4090
Description  ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4090 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TNETX4090 Datasheet HTML 13Page - Texas Instruments TNETX4090 Datasheet HTML 14Page - Texas Instruments TNETX4090 Datasheet HTML 15Page - Texas Instruments TNETX4090 Datasheet HTML 16Page - Texas Instruments TNETX4090 Datasheet HTML 17Page - Texas Instruments TNETX4090 Datasheet HTML 18Page - Texas Instruments TNETX4090 Datasheet HTML 19Page - Texas Instruments TNETX4090 Datasheet HTML 20Page - Texas Instruments TNETX4090 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 78 page
background image
TNETX4090
ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH
SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
LED interface
TERMINAL
I/O
INTERNAL
DESCRIPTION
NAME
NO.
I/O
RESISTOR
DESCRIPTION
LED_CLK
AD19
O
None
LED clock. Serial shift clock for the LED status data.
LED_DATA
AE19
O
None
LED data. Serial LED status data.
100-/1000-Mbit/s port PCS LED interface
TERMINAL
I/O
INTERNAL
DESCRIPTION
NAME
NO.
I/O
RESISTOR
DESCRIPTION
L08_DPLX
AE18
None
Duplex LED. When in PMA mode, this terminal is low if the port is configured for full-duplex
operation. It is high at all other times.
power supply
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
GND
A1, A2, A13, A14, A25, A26,
AF13, AF14, B1, B3, B24,
B26, C2, C25, N1, N26, P1,
P25, P26, R23, R24, R26,
T24, U23, W23, W24, W25,
W26, Y23, Y25, AA23, AA25,
AB25, AD2, AD25, AE1, AE3,
AE24, AE26, AF1, AF2,
AF25, AF26
Ground. The 0-V reference for the TNETX4090.
GNDa
U24
Ground. The 0-V reference for the analog functions within the rambus ASIC cell (RAC).
VDD(2.5)
B2, B25, C3, C24, D4, D9,
D14, D18, D23, J4, J23, N4,
P23, V4, V23, AC4, AC9,
AC13, AC18, AC23, AD3,
AD24, AE2, AE25
2.5-V supply voltage. Power for the core.
VDD(3.3)
D8, D13, D17, H23, K4, P4,
W4, AC10, AC14, AC19
3.3-V supply voltage. Power for the I/Os.
VDDa(2.5)
T23
2.5-V supply voltage. Power for the analog functions within the RAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com