Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4090 Datasheet(PDF) 55 Page - Texas Instruments

Part # TNETX4090
Description  ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4090 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TNETX4090 Datasheet HTML 51Page - Texas Instruments TNETX4090 Datasheet HTML 52Page - Texas Instruments TNETX4090 Datasheet HTML 53Page - Texas Instruments TNETX4090 Datasheet HTML 54Page - Texas Instruments TNETX4090 Datasheet HTML 55Page - Texas Instruments TNETX4090 Datasheet HTML 56Page - Texas Instruments TNETX4090 Datasheet HTML 57Page - Texas Instruments TNETX4090 Datasheet HTML 58Page - Texas Instruments TNETX4090 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 78 page
background image
TNETX4090
ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH
SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999
55
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
port trunking example
This example shows how to set up the TNETX4090 to support two port trunks. The first trunk group consists
of ports 1, 3, 5, and 7 (see Table 21); the second trunk group consists of ports 0, 2, and 6 (see Table 22).
Table 21. Trunk Group 0 Port Membership (Trunk0Ports Register)
PORT
7
6
5
4
3
2
1
0
1
0
1
0
1
0
1
0
Table 22. Trunk Group 1 Port Membership (Trunk1Ports Register)
PORT
7
6
5
4
3
2
1
0
0
1
0
0
0
1
0
1
The TrunkMapx registers are used to control the distribution of traffic across the ports within a trunk group. In
this example, the traffic for trunk group 0 has been equally distributed 25% (this assumes that bits 3–1 of the
MAC addresses are random enough to give an even distribution) for each of the four ports in the trunk. For any
given source and destination address pair, the traffic always uses the same port within the trunk. This ensures
that packets do not get disordered on the trunk ports. Note that, since port 4 is not a member of any port trunk
group, all the entries for this port have been set to 1. In fact, functionally, this can be thought of as a single port
trunk.
Table 23. TrunkMapx Register Settings (for Traffic Distribution on Trunk Groups 0 and 1)
MAP
TRUNK PORT
INDEX
7
6
5
4
3
2
1
0
0
0
1
0
1
0
0
1
0
1
0
0
0
1
1
1
0
0
2
0
0
1
1
0
0
0
1
3
1
1
0
1
0
0
0
0
4
0
0
0
1
0
1
1
0
5
0
0
0
1
1
0
0
1
6
0
1
1
1
0
0
0
0
7
1
0
0
1
0
1
0
0
extended port awareness
When the port routing code is derived from an xportcode field, which has its most significant bit set (1xxxxx)
indicating a port on an external crossbar matrix connected to port 8, the port-8 bit in the port routing code is set,
and the five least significant bits of xportcode are used to create the pretag transmitted with the frame.
When bit 8 of the port routing code is set by a portvector field, the xroutecode field associated with the portvector
is used to create the pretag transmitted with the frame (either directly if xroutecode is in the range
000000–010000, or indirectly via a lookup in the XMultiGroup17–XMulUGroup63 registers if xroutecode is in
the range 010001–111111).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com