Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4090 Datasheet(PDF) 29 Page - Texas Instruments

Part # TNETX4090
Description  ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4090 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TNETX4090 Datasheet HTML 25Page - Texas Instruments TNETX4090 Datasheet HTML 26Page - Texas Instruments TNETX4090 Datasheet HTML 27Page - Texas Instruments TNETX4090 Datasheet HTML 28Page - Texas Instruments TNETX4090 Datasheet HTML 29Page - Texas Instruments TNETX4090 Datasheet HTML 30Page - Texas Instruments TNETX4090 Datasheet HTML 31Page - Texas Instruments TNETX4090 Datasheet HTML 32Page - Texas Instruments TNETX4090 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
TNETX4090
ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH
SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
frame format on the NM port (continued)
To provide a CRC word, which includes the header, the NM port generates a new CRC word as the frame is
being read out. It simultaneously checks the existing CRC in the frame and, if an error is found, ensures that
the final byte of the newly generated CRC is corrupted to contain an error, too. The CRC word is deliberately
corrupted if the header parity protection (described in the following) indicates an error in the header. In either
case, the pfe bit also is set to 1 after the final byte of the frame has been read from NMData.
If the frame was received on a port other than the NM port, then the crctype bit is set according to whether an
IEEE Std 802.1Q tag header was inserted into the frame during ingress.
–
If crctype = 1, a header was inserted.
–
If crctype = 0, a header was not inserted (crctype also is 0 if the frame VLAN ID was 0x000 and was
replaced by the port VLANID (PVID) from the PortxQTag register).
In an IEEE Std 802.1D-compliant application, the header simply can be removed from the frame to produce
a headerless frame with a correct CRC word.
–
All other bits in the byte are reserved and are 0.
The second TPID byte output contains:
D Odd-parity protection bits for the other three bytes in the tag header
D Bit 5 protects the first byte of the TPID field (i.e., the one containing crctype and source port number).
D Bit 6 protects the first byte of the VLAN ID field.
D Bit 7 protects the second byte of the VLAN ID field.
D All other bits in the byte are reserved and are 0.
TPID (Tag Protocol Identifier)
TCI (Tag Control Information)
Destination
Address
Source
Address
TPID
TCI
Length/Type
FCS
(CRC-32)
Data
Reserved
75
4
3
6
2nd
TCI
Byte
Odd Parity Bits
Reserved
Source
Port
Byte 1
Byte 2
CRC
Type
802.1Q header
1st
TCI
Byte
1st
TPID
Byte
21
0
7
5
4
3
62
1
0
10 0 0 0
0
00
1
0 00 0 0 00 Priority cfi
VLAN ID
6 Bytes
6 Bytes
2 Bytes
2 Bytes
46–1517 Bytes
2 Bytes
4 Bytes
7 6 5 4 3 2 1 0 7 6 5 4 3 21 0
7 6
5
4 3 21 07 6 5 4 3 2 1 0
Figure 2. NM Frame Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com