Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4090 Datasheet(PDF) 38 Page - Texas Instruments

Part # TNETX4090
Description  ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4090 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TNETX4090 Datasheet HTML 34Page - Texas Instruments TNETX4090 Datasheet HTML 35Page - Texas Instruments TNETX4090 Datasheet HTML 36Page - Texas Instruments TNETX4090 Datasheet HTML 37Page - Texas Instruments TNETX4090 Datasheet HTML 38Page - Texas Instruments TNETX4090 Datasheet HTML 39Page - Texas Instruments TNETX4090 Datasheet HTML 40Page - Texas Instruments TNETX4090 Datasheet HTML 41Page - Texas Instruments TNETX4090 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 78 page
background image
TNETX4090
ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH
SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
pretagging and extended port awareness
The TNETX4090 can be incorporated into a hierarchical system, whereby this port is connected to a crossbar
matrix with up to 17 1000-Mbit/s ports. By making this TNETX4090 aware of the ports on the crossbar matrix,
the crossbar matrix does not need to make any forwarding or filtering decisions, and can be relatively
inexpensive. To facilitate this, three forms of tags are provided on this port:
D Pretag on transmission – containing the source port of the frame and a vector indicating the ports on the
crossbar matrix for which the frame is destined.
D Pretag on reception (learning format) – containing the source port of the frame on the crossbar matrix.
D Pretag on reception (directed format) – containing a vector indicating the ports on this TNETX4090 for which
the frame is destined.
The information contained within these tags also enables the TNETX4090 to be incorporated in a system where
routing decisions are made at a higher level.
Use of pretagging is enabled by setting pretag in the appropriate PortxControl register.
pretag on transmission
Port 8 provides the frame source port and crossbar matrix destination port vector over eight cycles, beginning
with the first cycle that M08_TXEN is high. The pretag takes the form of a 32-bit value (divided into eight nibbles),
with each nibble being replicated on M08_TXD3–M08_TXD0 and M08_TXD7–M08_TXD4. This replaces the
preamble and sof delimiter normally generated at this time.
Figure 5 shows the timing relationship and Table 10 shows the fields within the tag.
3–0
7–4
11–8
15–12
19–16
23–20
27–24
31–28
Frame Data
M08_TXD7–
M08_TXD4
3–0
7–4
11–8
15–12
19–16
23–20
27–24
31–28
Frame Data
M08_TXD3–
M08_TXD0
M08_TXEN
M08_GTCLK
NOTE A: Ranges (e.g., 3–0) indicate which bits of the 32-bit pretag are output in each cycle.
Figure 5. Transmit Pretag Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com