Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4090 Datasheet(PDF) 67 Page - Texas Instruments

Part # TNETX4090
Description  ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4090 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TNETX4090 Datasheet HTML 63Page - Texas Instruments TNETX4090 Datasheet HTML 64Page - Texas Instruments TNETX4090 Datasheet HTML 65Page - Texas Instruments TNETX4090 Datasheet HTML 66Page - Texas Instruments TNETX4090 Datasheet HTML 67Page - Texas Instruments TNETX4090 Datasheet HTML 68Page - Texas Instruments TNETX4090 Datasheet HTML 69Page - Texas Instruments TNETX4090 Datasheet HTML 70Page - Texas Instruments TNETX4090 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 78 page
background image
TNETX4090
ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH
SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999
67
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MII transmit (see Figure 22)
NO.
MIN
MAX
UNIT
1
td(Mxx_TXD)
Delay time, from Mxx_TCLK
↑ to Mxx_TXD3–MxxTXD0 valid
5
15
ns
1
td(Mxx_TXEN)
Delay time, from Mxx_TCLK
↑ to Mxx_TXEN valid
5
15
ns
1
td(Mxx_TXER)
Delay time, from Mxx_TCLK
↑ to Mxx_TXER valid
5
15
ns
Mxx_TXD3–Mxx_TXD0
Mxx_TXEN
Mxx_TXER
1
Mxx_TCLK
Figure 22. MII Transmit
MII clock (see Figure 23)
NO.
MIN
MAX
UNIT
1
tr(Mxx_CLK)
Pulse width low Mxx_RCLK, Mxx_TCLK
35%
65%
2
th(Mxx_CLK)
Pulse width high Mxx_RCLK, Mxx_TCLK
35%
65%
3
tw(Mxx_CLK)
Cycle time Mxx_RCLK, Mxx_TCLK
2.5
25
MHz
Mxx_RCLK
Mxx_TCLK
1
2
3
Figure 23. MII Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com