Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4090 Datasheet(PDF) 40 Page - Texas Instruments

Part # TNETX4090
Description  ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4090 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TNETX4090 Datasheet HTML 36Page - Texas Instruments TNETX4090 Datasheet HTML 37Page - Texas Instruments TNETX4090 Datasheet HTML 38Page - Texas Instruments TNETX4090 Datasheet HTML 39Page - Texas Instruments TNETX4090 Datasheet HTML 40Page - Texas Instruments TNETX4090 Datasheet HTML 41Page - Texas Instruments TNETX4090 Datasheet HTML 42Page - Texas Instruments TNETX4090 Datasheet HTML 43Page - Texas Instruments TNETX4090 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
TNETX4090
ThunderSWITCH II™ 9-PORT 100-/1000-MBIT/S ETHERNET™ SWITCH
SPWS044E – DECEMBER 1997 – REVISED AUGUST 1999
40
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 12. Directed Format Receive Pretag Bit Definitions
BIT
NAME
FUNCTION
31
1
One. Indicates directed format. The frame is routed to port(s) specified in portvector that are enabled (disabled in
portxcontrol = 0), regardless of whether the destination address is unicast or multicast (i.e., the destination address
is not examined).
The internal frame-routing algorithm is bypassed and has no effect on frame routing. The TxBlockPorts,
RxUniBlockPorts, and RxMultiBlockPorts registers also have no effect on frame reception or transmission.
Portvector is not examined to see if the source port has been specified as a destination port, so it is possible to send
a frame back out of port 8. If portvector is 0, the frame is discarded.
30–10
reserved
Reserved. Bits 30–10 are ignored.
9–0
portvector
Destination port vector. A bit for each port on this device. A 1 in position n indicates the frame is destined for port n
on this device.
ring-cascade topology
The ringports register allows port 8 to be used to cascade multiple TNETX4090 devices using a full-duplex
ring-cascade topology (see Figure 7).
TNETX4090
01 2 3
45 6 7
Port 8
TNETX4090
0 1 23
4 5 67
Port 8
TNETX4090
01 2 3
45 6 7
Port 8
Figure 7. Ring-Cascade Topology
This configuration provides a way to construct a higher port-density system using three or more TNETX4090s.
Setting the portvector bit corresponding to this port in RingPorts modifies the normal behavior of the switch in
several ways to enable the ring topology.
D Frames received on this port can be retransmitted out through the same port. This allows frames destined
for a nonring port on another switch in the ring to pass through this switch.
D Frames transmitted from a ring port have an out-of-band pretag in the clock cycle before Mxx_TXEN is
asserted. The contents of the pretag are determined as follows:
–
If the transmitted frame was received on a nonring port, the pretag consists of the ringid field from
RingPorts, replicated on Mxx_RXD3–Mxx_RXD0 and Mxx_RXD7–Mxx_RXD4.
–
If the transmitted frame was received on a ring port, the pretag is the same as the received pretag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com